Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGA090304MD-V2-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTGA090304MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTGA090304MD-V2-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTGA090304MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Types: PG-HB1DSO-14-4
Wideband LDMOS Two-stage Integrated Power Amplifier
2 X 15 W, 48 V, 575 – 960 MHz
Description
The PTGA090304MD is a wideband, two-stage, LDMOS integrated
power amplifier. Fabricated with Wolfspeed’s 50 V LDMOS process,
it incorporates internal matching for operation from 575 MHz to 960
MHz, and dual independent outputs of 15 W each. It is available in a
14-lead plastic overmold package with gull wing leads.
Features
• On-chip matching for broadband operation
• Designed for ultra wideband performance
• Typical CW performance, 960 MHz, 50 V,
combined outputs
- Output power at P
1dB = 45 dBm
- Output power at P
3dB = 45.9 dBm
- Linear Gain at P
1dB = 31 dB
- Efficiency at P
1dB = 48.1%
• Capable of handling 10:1 VSWR @50 V, 30 W CW
output power
• Integrated ESD protection
• Human Body Model Class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Integrated temperature compensation
• Pb-free and RoHS compliant
PTGA090304MD
0
15
30
45
60
0
10
20
30
40
30 32 34 36 38 40 42 44 46 48
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 50 V, IDQ1M = 34mA, IDQ2M = 144 mA,
ƒ = 960 MHz, 3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
PAR @ 0.01% CCDF
Gain
Efficiency
ptga090304md_g1
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Class AB production test fixture, combined outputs)
V
DD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA, POUT = 3.9 W avg, ƒ = 960 MHz, 3GPP WCDMA signal, channel bandwidth = 3.84
MHz, peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
30.2
32
—
dB
Drain Efficiency
h
D
17.5
19
—
%
Adjacent Channel Power Ratio
ACPR
—
–44
–46.5
dBc
Output PAR at 0.01% probability on CCDF
OPAR
8.5
9
—
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!


Similar Part No. - PTGA090304MD-V2-R5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTGA090304MD CREE-PTGA090304MD Datasheet
506Kb / 7P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 ??960 MHz
More results

Similar Description - PTGA090304MD-V2-R5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC915R2 MOTOROLA-MHVIC915R2 Datasheet
652Kb / 12P
746-960 MHz RF LDMOS Wideband Integrated Power Amplifier
logo
Infineon Technologies A...
PTMC210204MD INFINEON-PTMC210204MD Datasheet
219Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifi er 20 W, 28 V, 1805 ??2200 MHz
Rev. 03, 2016-06-14
logo
Cree, Inc
PTGA090304MD CREE-PTGA090304MD Datasheet
506Kb / 7P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 ??960 MHz
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
PTMC210124MD CREE-PTMC210124MD Datasheet
593Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
PTMC210204MD CREE-PTMC210204MD Datasheet
1Mb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
PTMC210404MD CREE-PTMC210404MD Datasheet
531Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 ??2200 MHz
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
logo
WOLFSPEED, INC.
PTMC210404MD WOLFSPEED-PTMC210404MD Datasheet
847Kb / 8P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
Rev. 04.1, 2022-1-27
PTNC210604MD WOLFSPEED-PTNC210604MD Datasheet
748Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz
Rev. 03.5, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com