Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGA090304MD-V2-R5 Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # PTGA090304MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTGA090304MD-V2-R5 Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button PTGA090304MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 10Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 11Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 12Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PTGA090304MD
11
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Outline Specifications – Package PG-HB1DSO-14-4
Diagram Notes–unless otherwise specified:
1. Mold/Dam Bar/Metal protusion of 0.30 mm max per side not included.
2. Metal protrusion are connected to source and shall not exceed 0.10 mm max.
3. Fillets and radii: all radii are 0.3 mm max.
4. Interpret dimensions and tolerances per ISO 8015.
5. Dimensions are mm.
6. All tolerances ± 0.1 mm unless specified otherwise.
7. All metal surfaces are tin-plated, except area of cut.
8. Lead thickness: 0.25 mm.
TOP
VIEW
END VIEW
1
2X 0.50
2
18.44
16.26
0.05
2
1.00
1.02
0° MIN.
PG_HB1DSO-14-3_01_2-11-2020
SIDE
VIEW
DETAIL A
SCALE 3:1
BOTTOM
VIEW
2 X 10°
4 X 7°
1.86
SEE DETAIL A
0.10 MAX.
2.62
4 X 1.02
2 X 3.25
2 X 5.30
7.65
2.35
3.83
2 X 0.35
11 X 1.00
12 X 0.35
1.50
19.44
14.94 ± 0.15
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com