Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGA090304MD-V2-R5 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # PTGA090304MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTGA090304MD-V2-R5 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button PTGA090304MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 10Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 11Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 12Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PTGA090304MD
8
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Broadband Performance, 575 – 960 MHz (data taken in test fixture)
Figure 12. Single-carrier WCDMA Broadband Performance
14
16
18
20
22
24
26
10
15
20
25
30
35
40
920
930
940
950
960
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA,
POUT = 35.9 dBm, 3GPP WCDMA signal,
PAR = 10 dB
Efficiency
Gain
ptga090304md_g4
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
15
17
19
21
23
25
27
29
31
33
35
400
600
800
1000
1200
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 50 V, IDQ1 = 34 mA, IDQ2 = 144 mA
Input Return Loss
Gain
ptga090304md_BB_g6
-50
-48
-46
-44
-42
-40
-38
-36
575
675
775
875
975
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA,
POUT = 35.9 dBm, 3GPP WCDMA signal,
PAR = 10 dB
ACPL
ACPU
ptga090304md_BB_g4
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
15
17
19
21
23
25
27
29
31
33
35
400
600
800
1000
1200
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 50 V, IDQ1 = 34 mA, IDQ2 = 144 mA
Input Return Loss
Gain
ptga090304md_BB_g6
Figure 6. Small Signal CW Gain & Input Return Loss
Load Pull Performance
CW signal: 50 V, I
DQ = 17 mA, 72 mA
P
1dB
Max Output Power
Max PAE
Freq
[MHz]
Z
s [W]
Z
l[W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
Z
l[W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
575
50+j0.00
29.6+j22.6
30.0
42.9
19.3
61.6
13.6+j32.8
34.0
40.4
10.9
72.5
746
50+j0.00
20.8+j18.8
31.3
43.1
20.4
57.1
9+j23.5
34.2
41.0
12.5
66.9
920
50+j0.00
13.8+j16.6
31.6
43.1
20.6
56.3
7+j20.3
34.4
41.3
13.4
68.6
940
50+j0.00
15.4+j16.8
31.4
43.1
20.5
55.3
5.8+j20
35.2
40.5
11.3
70.1
960
50+j0.00
15.6+j16.8
31.7
43.2
20.8
57.6
6+j20
35.8
40.7
11.8
77.5
P
3dB
Max Output Power
Max PAE
Freq
[MHz]
Z
s [W]
Z
l[W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
Z
l[W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
575
50+j0.00
29.2+j20.1
27.7
43.5
22.3
60.8
14+j32.8
31.9
41.0
12.5
71.2
746
50+j0.00
18.1+j16.5
29.3
43.8
24.0
58.1
9.5+j23.9
32.1
41.6
14.5
65.4
920
50+j0.00
14.2+j16.6
29.5
43.8
24.1
56.4
6.6+j20
32.5
41.8
15.0
66.2
940
50+j0.00
15.7+j16.5
29.3
43.8
23.9
54.9
5.4+j20
33.4
40.9
12.4
68.1
960
50+j0.00
15.8+j16.5
29.6
43.9
24.5
57.5
6+j20
33.8
41.3
13.5
75.5
*Please note max PAE contours not closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com