Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGA090304MD-V2-R5 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTGA090304MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTGA090304MD-V2-R5 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button PTGA090304MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PTGA090304MD
6
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 920 – 960 MHz
Evaluation Board Part Number
LTN/PTGA090304MD-V2
PCB Information
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 920 – 960 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
PTGA090302MD Customer Circuit
R110
R111
R201
R105
R104
C103
C106
C101
C207 C208
C206
R107
R106
C202
C205
C204
R102
C108
C107
R109
R108
U2
C201
C203
C110
C102
C105
C104
R101
U1
R103
C109
PTGA090304MD_01
RF
IN
(244)
RF
OUT
p t g a 0 90 304 m d _C D _1 0 - 0 8 - 20 18
RO4350, 20 MIL, 2oz
VG1B
VG1A
VG2A
VG2B
VD1B
VD1A
VD2A
VD2B
PTGA090302MD Customer Circuit
R110
R111
R201
R105
R104
C103
C106
C101
C207 C208
C206
R107
R106
C202
C205
C204
R102
C108
C107
R109
R108
U2
C201
C203
C110
C102
C105
C104
R101
U1
R103
C109
PTGA090304MD_01
RF
IN
(244)
RF
OUT
p t g a 0 90 304 m d _C D _1 0 - 0 8 - 20 18
RO4350, 20 MIL, 2oz
VG1B
VG1A
VG2A
VG2B
VD1B
VD1A
VD2A
VD2B
Reference circuit assembly diagram (not to scale)
Component
Description
Manufacturer
P/N
C101, C106
Capacitor, 0.1 µF
TDK Corporation
C3216X7R2A104M160AA
C102, C104, C107, C109
Capacitor, 100 V, 10 µF
Murata Electronics North America
GRM32EC72A106KE05L
C103, C105, C108, C110
Capacitor, 4.7 µF
Murata Electronics North America
GRM32ER71H475KA88L
C201, C204, C205, C208
Capacitor, 100 pF
ATC
ATC800A101JT250T
C202, C206
Capacitor, 100 V, 10 µF
TDK Corporation
C5750X7S2A106M230KB
C203, C207
Capacitor, 0.1 pF
ATC
ATC800A0R1CT250T
R101, R102
Resistor, 0 ohms
Panasonic Electronic Components
ERJ-3GEY0R00V
R103, R201
Resistor, 50 ohms
Anaren
C8A50Z4A
R104, R106, R108, R110
Resistor, 4.3K ohms
Panasonic Electronic Components
ERJ-8GEYJ432V
R105, R107, R109, R111
Resistor, 1K ohms
Panasonic Electronic Components
ERJ-8GEYJ102V
U1, U2
Hybrid coupler
Anaren
X3C07P1-03S
Components Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com