Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGA090304MD-V2-R5 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # PTGA090304MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTGA090304MD-V2-R5 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button PTGA090304MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 10Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 11Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 12Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PTGA090304MD
10
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C106
Capacitor, 0.1 µF
TDK Corporation
C3216X7R2A104M160AA
C102, C104, C107, C109 Capacitor, 10 µF, 100 V
Murata Electronics North America
GRM32EC72A106KE05L
C103, C105, C108, C110 Capacitor, 4.7 µF
Murata Electronics North America
GRM32ER71H475KA88L
R101, R102
Resistor, 0.0 ohms
Panasonic Electronic Components
ERJ-3GEY0R00V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
R104, R106, R108, R110 Resistor, 4.3K ohms
Panasonic Electronic Components
ERJ-8GEYJ432V
R105, R107, R109, R111 Resistor, 1K ohms
Panasonic Electronic Components
ERJ-8GEYJ102V
U1
Hybrid Coupler
Anaren
X3C07P1-03S
Output
C201, C204, C205, C208 Capacitor, 100 pF
ATC
ATC800A101JT250T
C202, C206
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C203, C207
Capacitor, 1.1 pF
ATC
ATC800A1R1CT250T
R201
Resistor, 50 ohms
Anaren
C8A50Z4A
U2
Hybrid Coupler
Anaren
X3C07P1-03S
Lead connections for PTGA090304MD
Source: plated copper heat slug on backside of package
VD2/RFOUT B
VD1 A
VG2 A
VG1 A
RFIN A
N/C
N/C
N/C
N/C
RFIN B
VG1 B
VG2 B
VD1B
VD2/RFOUT A
1
2
3
4
5
6
7
8
9
10
11
12
14
13
p t g a 0 9 0 3 0 4 m d _ P D _ 0 2 - 0 2 - 2 0 1 8
Pinout Diagram (top view)
Reference Circuit, 575 – 960 MHz (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com