Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011-000002 Datasheet(PDF) 29 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 29 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 25Page - Samsung semiconductor 2011-000002 Datasheet HTML 26Page - Samsung semiconductor 2011-000002 Datasheet HTML 27Page - Samsung semiconductor 2011-000002 Datasheet HTML 28Page - Samsung semiconductor 2011-000002 Datasheet HTML 29Page - Samsung semiconductor 2011-000002 Datasheet HTML 30Page - Samsung semiconductor 2011-000002 Datasheet HTML 31Page - Samsung semiconductor 2011-000002 Datasheet HTML 32Page - Samsung semiconductor 2011-000002 Datasheet HTML 33Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
R207
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R208
2007-000113
R-CHIP
33ohm,5%,1/16W,DA,TP,1608
R209
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R211
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R212
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R214
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R215
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R216
2007-000113
R-CHIP
33ohm,5%,1/16W,DA,TP,1608
R217
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R218
2007-000113
R-CHIP
33ohm,5%,1/16W,DA,TP,1608
R219
2007-001167
R-CHIP
75ohm,5%,1/16W,DA,TP,1608
R224
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R225
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R227
2007-000116
R-CHIP
120ohm,5%,1/16W,DA,TP,1608
R229
2007-001114
R-CHIP
680Kohm,5%,1/16W,DA,TP,1608
R230
2007-000113
R-CHIP
33ohm,5%,1/16W,DA,TP,1608
R233
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R234
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R236
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R237
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R238
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R240
2007-000118
R-CHIP
390ohm,5%,1/16W,DA,TP,1608
R241
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R242
2007-000118
R-CHIP
390ohm,5%,1/16W,DA,TP,1608
R243
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R248
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R249
2007-000118
R-CHIP
390ohm,5%,1/16W,DA,TP,1608
R250
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R252
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R254
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R255
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R256
2007-000080
R-CHIP
2Kohm,5%,1/16W,DA,TP,1608
R257
2007-000080
R-CHIP
2Kohm,5%,1/16W,DA,TP,1608
R258
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R259
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R260
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R261
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R262
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R263
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R267
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R269
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R301
2007-000239
R-CHIP
1.5Kohm,1%,1/16W,DA,TP,1608
R302
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R303
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R304
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R305
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R306
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
7 Electrical Parts List
SyncMaster 770TFT
7-9
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com