Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011-000002 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 8Page - Samsung semiconductor 2011-000002 Datasheet HTML 9Page - Samsung semiconductor 2011-000002 Datasheet HTML 10Page - Samsung semiconductor 2011-000002 Datasheet HTML 11Page - Samsung semiconductor 2011-000002 Datasheet HTML 12Page - Samsung semiconductor 2011-000002 Datasheet HTML 13Page - Samsung semiconductor 2011-000002 Datasheet HTML 14Page - Samsung semiconductor 2011-000002 Datasheet HTML 15Page - Samsung semiconductor 2011-000002 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
4-2-1
Main Menu
4-2-1 (a) Service JIG : DV17
4-2-2 Sub Menu
4-2-2 (a) Panel Information
No
Label
Definition
No
Label
Definition
4 Alignments and Adjustments
4-2
SyncMaster 770TFT
Monitor On Time Total hours that the monitor has been actively
functioning.
Panel Cycle
The total number of times the Panel has been
turned ON.
Time
Total in Hours that this Panel or Lamp has been
ON. Reset this number to 000000 after
replacing the part.
Panel
Total number of hours that this Panel has
been ON.
Lamp, Upper
Total number of hours that this Upper Lamp
has been ON.
Lamp, Lower
Total number of hours that this Lower Lamp
has been ON.
Change No.
The number of times this Panel or Lamp has
been replaced. The numbers are 00 if the item
is the original factory part installed during
manufacture of this monitor.
Panel
Replacement times. This value is 00 if original
equipment.
Lamp, Upper
Replacement times. This value is 00 if original
equipment.
Lamp, Lower
Replacement times. This value is 00 if original
equipment.
Message
Shows the message.
Read
Reads all Panel information data from the
AD Board
Write
Writes the Panel Parameter Control values to the
AD Board
Read buffer
Reload the Panel Parameter Control values from
the Program buffer
Return Main
Returns to the Main menu
Figure 4-4. Control JIG Menu
Red max value
Shows the red video signal max value
Green max value
Shows the green video signal max value
Blue max value
Shows the blue video signal max value
Red min value
Shows the red video signal min value
Green min value
Shows the green video signal min value
Blue min value
Shows the blue video signal min value
Color
Automatical screen contrast setting
Auto Adjustment
Red gain control
Adjusts the red video signal gain control
Green gain control
Adjusts the green video signal gain control
Blue gain control
Adjusts the blue video signal gain control
Red cutoff control
Adjusts the red video signal cutoff control
Green cutoff control Adjusts the green video signal cutoff control
Blue cutoff control
Adjusts the blue video signal cutoff control
Panel information
Shows the sub menu to panel information
(4-2-2 (a))
Scroll bar
Changes the value or level of the selected
item. The window to the right shows the
value as it changes.
SAVE
Saves the current adjustment value of
the R,G,B video contrast gain and
cutoff level
Setting
Displays and allows you to adjust the
PC and Control JIG communication
environment. Use this button to change the
Delay parameter and Port Address of
your PC system and to test the connection
between the Control JIG and your computer
Exit
Quits the DDC Control JIG
Figure 4-3.Service JIG Menu
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
a
b
d
e
f
k
c
g
h
i
j
n
o
l
m
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
a
b
c
d
e
f
g
h
i
j
k
l
m
n
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com