Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011-000002 Datasheet(PDF) 24 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 20Page - Samsung semiconductor 2011-000002 Datasheet HTML 21Page - Samsung semiconductor 2011-000002 Datasheet HTML 22Page - Samsung semiconductor 2011-000002 Datasheet HTML 23Page - Samsung semiconductor 2011-000002 Datasheet HTML 24Page - Samsung semiconductor 2011-000002 Datasheet HTML 25Page - Samsung semiconductor 2011-000002 Datasheet HTML 26Page - Samsung semiconductor 2011-000002 Datasheet HTML 27Page - Samsung semiconductor 2011-000002 Datasheet HTML 28Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
C436
2203-000292
C-CERAMIC,CHIP
10pF,5%,50V,NPO,TP,1608
C437
2203-000292
C-CERAMIC,CHIP
10pF,5%,50V,NPO,TP,1608
C438
2203-000292
C-CERAMIC,CHIP
10pF,5%,50V,NPO,TP,1608
C439
2203-000292
C-CERAMIC,CHIP
10pF,5%,50V,NPO,TP,1608
C440
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C441
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C442
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C443
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C444
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C445
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C446
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C448
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C449
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C450
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C451
2203-000626
C-CERAMIC,CHIP
22pF,5%,50V,NPO,TP,1608
C452
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C453
2203-000626
C-CERAMIC,CHIP
22pF,5%,50V,NPO,TP,1608
C454
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C455
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C456
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C457
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C458
2402-001042
C-AL,SMD
100uF,20%,16V,GP,TP,6.6x6.6x5.
C459
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C460
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C461
2203-000292
C-CERAMIC,CHIP
10pF,5%,50V,NPO,TP,1608
C501
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C502
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C503
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C504
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C506
2203-000626
C-CERAMIC,CHIP
22pF,5%,50V,NPO,TP,1608
C507
2203-000626
C-CERAMIC,CHIP
22pF,5%,50V,NPO,TP,1608
C508
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C509
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C510
2203-000236
C-CERAMIC,CHIP
100pF,5%,50V,NPO,TP,1608
C511
2203-000236
C-CERAMIC,CHIP
100pF,5%,50V,NPO,TP,1608
C512
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C513
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C514
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C515
2402-001042
C-AL,SMD
100uF,20%,16V,GP,TP,6.6x6.6x5.
C516
2203-000491
C-CERAMIC,CHIP
2.2nF,10%,50V,X7R,TP,1608
C517
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C601
2404-001075
C-TA,CHIP
100uF,20%,16V,GP,TP,7343
C602
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C603
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C604
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C605
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C607
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
7 Electrical Parts List
7-4
SyncMaster 770TFT
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com