Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011-000002 Datasheet(PDF) 22 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 22 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 18Page - Samsung semiconductor 2011-000002 Datasheet HTML 19Page - Samsung semiconductor 2011-000002 Datasheet HTML 20Page - Samsung semiconductor 2011-000002 Datasheet HTML 21Page - Samsung semiconductor 2011-000002 Datasheet HTML 22Page - Samsung semiconductor 2011-000002 Datasheet HTML 23Page - Samsung semiconductor 2011-000002 Datasheet HTML 24Page - Samsung semiconductor 2011-000002 Datasheet HTML 25Page - Samsung semiconductor 2011-000002 Datasheet HTML 26Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
C222
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C223
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C226
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C230
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C232
2203-001607
C-CERAMIC,CHIP
220pF,5%,50V,CH,TP,1608,1.6mm
C233
2203-000998
C-CERAMIC,CHIP
47pF,5%,50V,NPO,TP,1608
C234
2203-001607
C-CERAMIC,CHIP
220pF,5%,50V,CH,TP,1608,1.6mm
C235
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C236
2203-001607
C-CERAMIC,CHIP
220pF,5%,50V,CH,TP,1608,1.6mm
C238
2203-001607
C-CERAMIC,CHIP
220pF,5%,50V,CH,TP,1608,1.6mm
C239
2203-000998
C-CERAMIC,CHIP
47pF,5%,50V,NPO,TP,1608
C240
2203-001607
C-CERAMIC,CHIP
220pF,5%,50V,CH,TP,1608,1.6mm
C241
2203-001607
C-CERAMIC,CHIP
220pF,5%,50V,CH,TP,1608,1.6mm
C242
2203-001607
C-CERAMIC,CHIP
220pF,5%,50V,CH,TP,1608,1.6mm
C243
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C244
2203-001607
C-CERAMIC,CHIP
220pF,5%,50V,CH,TP,1608,1.6mm
C245
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C246
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C247
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C248
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C249
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C301
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C302
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C303
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C304
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C305
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C306
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C307
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C308
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C309
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C310
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C311
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C312
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C313
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C314
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C315
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C316
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C317
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C318
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C319
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C320
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C321
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C322
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C323
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C324
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C325
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C326
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
7 Electrical Parts List
7-2
SyncMaster 770TFT
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com