Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011-000002 Datasheet(PDF) 27 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 27 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 23Page - Samsung semiconductor 2011-000002 Datasheet HTML 24Page - Samsung semiconductor 2011-000002 Datasheet HTML 25Page - Samsung semiconductor 2011-000002 Datasheet HTML 26Page - Samsung semiconductor 2011-000002 Datasheet HTML 27Page - Samsung semiconductor 2011-000002 Datasheet HTML 28Page - Samsung semiconductor 2011-000002 Datasheet HTML 29Page - Samsung semiconductor 2011-000002 Datasheet HTML 30Page - Samsung semiconductor 2011-000002 Datasheet HTML 31Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
FT501
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
FT502
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
FT503
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
FT601
3301-001145
CORE-FERRITE BEAD
AB,4.5x1.6x1.6mm
FT602
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
FT603
3301-001145
CORE-FERRITE BEAD
AB,4.5x1.6x1.6mm
FT604
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
FT605
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
FT606
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
FT607
2901-001114
FILTER-EMI SMD
25VDC,2.0ADC,100nF,3.2x1.6x1
FT608
3301-001145
CORE-FERRITE BEAD
AB,4.5x1.6x1.6mm
IC13
1203-001801
IC-POSI.FIXED REG.
3300,SOT-23,6P,70MIL,PLASTIC,3
IC101
1203-001448
IC-POSI.FIXED REG.
2596,TO-263,5P,PLASTIC,4.750
IC102
1203-001447
IC-POSI.FIXED REG.
2596,TO-263,5P,PLASTIC,3.135
IC201
1001-001082
IC-VIDEO SWITCH
BA7657F,SOP,24P,300MIL,SINGL
IC204
0803-000106
IC-TTL
74F132,TRIGGER,SOP,14P,150MIL
IC205
0803-000106
IC-TTL
74F132,TRIGGER,SOP,14P,150MIL
IC206
0803-000122
IC-TTL
74F125,BUFFER,SOP,14P,150MIL,Q
IC207
0801-002171
IC-CMOS LOGIC
74LCX125,BUS BUFFER,SOP,14P,15
IC208
0803-000117
IC-TTL
74F14,INVERTER,SOP,14P,150MIL,
IC209
0801-002404
IC-CMOS LOGIC
74VHC4066,ANALOG SWITCH,SOP,14
IC300
1002-001171
IC-A/D CONVERTER
AD9884,8BIT,QFP,128P,1/2LSB,
IC401
1105-001165
IC-DRAM
416S1020B,2x512Kx16BIT,SOP,50P
IC402
1105-001165
IC-DRAM
416S1020B,2x512Kx16BIT,SOP,50P
IC403
1105-001165
IC-DRAM
416S1020B,2x512Kx16BIT,SOP,50P
IC404
BN09-00001A
IC-OSD PROCESSOR
MTV 121P-131, 16P
IC405
0801-002237
IC-CMOS LOGIC
74HC04,INVERTER GATE,SOP,5P,49
IC406
1003-001243
IC-LCD CONTROLLER
MX88L282FC,QFP,256P,1102MIL,DU
IC501
0903-001063
IC-MICROCONTROLLER
72E75,8BIT,DIP,42P,600MIL,24MH
IC502
1103-001164
IC-EEPROM
24LC21A,128X8BIT,SOP,8P,150MIL
IC503
1103-001163
IC-EEPROM
24LC041,512X8BIT,SOP,8P,150MIL
IC504
1203-001109
IC-VOL. DETECTOR
7045,SOT-89,3P,PLASTIC,4.3/4
IC601
1006-001130
IC-LINE TRANSCEIVER
150,QFP,100P,-,TR,PLASTIC,-0
L101
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L102
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L103
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L104
BN27-20001C
COIL-SMD
105UH,20%,SMD,TAPING
L105
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L106
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L107
BN27-20001A
COIL-CHOKE
53.0UH,20%,DR10*5,TRAY
L108
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L109
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L110
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L111
2703-001778
INDUCTOR-SMD
3.3UH,20%,3.2X2.5X2.2MM
L112
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L113
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
L114
2703-001334
INDUCTOR-SMD
1.5uH,10%,2x1.25x0.85mm
7 Electrical Parts List
SyncMaster 770TFT
7-7
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com