| Electronic Components Datasheet Search |
|
2011-000002 Datasheet(PDF) 9 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
2011-000002 Datasheet(HTML) 9 Page - Samsung semiconductor |
|
9 / 43 page ![]() 3-1-1 Removing the Stand 1. With a pad beneath it, stand the monitor on its front with the screen facing downward and the base close to you. Make sure nothing will damage the screen. 2. Remove the 4 screws on the Stand. Caution: Be careful. The signal cable and power cable are still attached to the monitor. 3. Disconnect the Signal Cable and Power Cord. 3-1-2 Main Body Disassembly 1. Remove 2 screws on the Rear Cover. 2. Pull the Rear Cover up and off the monitor. 3. Remove 15 screws on the PCB Shield and remove the Shield. 4. Remove 4 screws on the Main PCB and 2 screws on the Inverter PCB and 2 screws on the 10P Harness. 5. Disconnect the interface wire (31P) between the Panel and the CN601 connector on the Main PCB. 6. Disconnect the Function PCB wire (10P) between the Function PCB and the CN102 connector on the Main PCB. 7. Disconnect 2 Inverter wires between the Panel and the CN2, 3 connectors on the Inverter PCB and disconnect the 12P harness between CN1 connector on the inverter and CN103 connector on the Main PCB. 8. Carefully lift the Main PCB Assembly and Inverter PCB and place them on a flat, level surface that is protected from static electricity. 9. Remove 4 screws on the PCB Bracket. 10. Remove the Bracket Assembly from the Front Cover. 11. Remove the 3 screws on the Function PCB from the Front Cover and remove the Function PCB and Function Knob. 12. Remove 4 screws on the Front Shield and remove the PCB Bracket and the Front Shield. SyncMaster 770TFT 3-1 3 Disassembly and Reassembly This section of the service manual describes the disassembly and reassembly procedures for the SyncMaster 770TFT TFT-LCD monitors. WARNING: This monitor contains electrostatically sensitive devices. Use caution when handling these components. 3-1 Disassembly Cautions:1. Disconnect the monitor from the power source before disassembly. 2. Follow these directions carefully; never use metal instruments to pry apart the cabinet. 3-2 Reassembly Reassembly procedures are in the reverse order of Disassembly procedures. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |