Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2011-000002 Datasheet(PDF) 30 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 30 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 26Page - Samsung semiconductor 2011-000002 Datasheet HTML 27Page - Samsung semiconductor 2011-000002 Datasheet HTML 28Page - Samsung semiconductor 2011-000002 Datasheet HTML 29Page - Samsung semiconductor 2011-000002 Datasheet HTML 30Page - Samsung semiconductor 2011-000002 Datasheet HTML 31Page - Samsung semiconductor 2011-000002 Datasheet HTML 32Page - Samsung semiconductor 2011-000002 Datasheet HTML 33Page - Samsung semiconductor 2011-000002 Datasheet HTML 34Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
R307
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R310
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R311
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R312
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R313
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R316
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R317
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R343
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R401
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R402
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R403
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R404
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R405
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R406
2007-001002
R-CHIP
510ohm,5%,1/16W,DA,TP,1608
R407
2007-001002
R-CHIP
510ohm,5%,1/16W,DA,TP,1608
R408
2007-001002
R-CHIP
510ohm,5%,1/16W,DA,TP,1608
R409
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R410
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R411
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R412
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R413
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R414
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R415
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R416
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R417
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R418
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R419
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R420
2007-000120
R-CHIP
680ohm,5%,1/16W,DA,TP,1608
R421
2007-000109
R-CHIP
1Mohm,5%,1/16W,DA,TP,1608
R422
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R425
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R426
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R427
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
R501
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R502
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R503
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R504
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R505
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R506
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R507
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R508
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R509
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R510
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R511
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R512
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R513
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R514
2007-000078
R-CHIP
1Kohm,5%,1/16W,DA,TP,1608
7 Electrical Parts List
7-10
SyncMaster 770TFT
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com