Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 342 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 342 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 338Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 339Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 340Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 341Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 342Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 343Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 344Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 345Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 346Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 590 page
background image
Chapter 10 PCI Controller
10-80
10.4.52 P2G I/O Space Control Register (P2GIOCTR)
0xD19C
31
16
Reserved
: Type
: Initial value
15
8
7
2
1
0
AM[15:8]
Reserved
P2GIOEN
BSWAP
R/W
R/W
R/W : Type
0x00
0
0/1
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
Reserved
15:8
AM[15:8]
Address Mask
PCI-Bus to G-Bus Address Mask (Initial value: 0x00, R/W)
Sets the bits to be subject to address comparison. See 10.3.5 for more information.
When setting a I/O space size of 256 B (0x0000_0100) for example, the value
becomes 0x00.
7:2
Reserved
1
P2GIOEN
I/O Space Enable
Target I/O Space Enable (Initial value: 0, R/W) Controls whether the I/O Space for
target access is valid or invalid.
When this bit is set to invalid, Writes to the I/O Space Base Address Register of the
PCI Configuration Register become invalid. Also, “0” is returned to Reads as a
response.
1: Validates I/O Space for target access.
0: Invalidates I/O Space for target access.
0
BSWAP
Byte Swap
Byte Swap Disable
(Initial value: Little Endian Mode: 0; Big Endian Mode: 1, R/W) Sets the byte swapping
of the I/O Space for target access.
0: Do not perform byte swapping.
1: Perform byte swapping.
Please use the default state in most situations. If this bit is changed to “0” when in the
Big Endian Mode, the byte order of transfer to the I/O Space through DWORD (32-bit)
access will not change.
Figure 10.4.52 P2G I/O Space Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com