Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 343 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 343 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 339Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 340Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 341Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 342Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 343Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 344Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 345Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 346Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 347Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 590 page
background image
Chapter 10 PCI Controller
10-81
10.4.53 G2P Configuration Address Register(G2PCFGADRS)
0xD1A0[m3]
31
24
23
16
Reserved
BUSNUM
R/W
: Type
0x00
: Initial value
15
11
10
8
7
2
1
0
DEVNUM
FNNUM
REGNUM
TYPE
R/W
R/W
R/W
R/W
: Type
0x00
000
0x00
00
: Initial value
Bits
Mnemonic
Field Name
Description
31:24
Reserved
23:16
BUSNUM
Bus Number
Bus Number (Initial value: 0x00, R/W)
Indicates the target PCI Bus Number (one of 256).
15:11
DEVNUM
Device Number
Device Number (Initial value: 0x00, R/W)
This field is used to identify the target physical device number. (This is one number
out of 32 devices. 21 of these 32 devices are used.)
When in the address phase of Type 0 configuration access, AD[31:11] of the upper 21
address lines are used as the IDSEL signal.
0x00: Use AD [11] as IDSEL.
0x01: Use AD [12] as IDSEL.
0x02: Use AD [13] as IDSEL.
:
:
0x13: Use AD [30] as IDSEL.
0x14: Use AD [31] as IDSEL.
0x15 - 0x1F: Reserved
10:8
FNNUM
Function Number
Function Number (Initial value: 000, R/W)
This field is used to identify the target logic function number (one out of 8).
7:2
REGNUM
Register Number
Register Number (Initial value: 0x00, R/W)
This field is used to identify the DWORD (one out of 64) inside the Configuration
Space of the target function
1:0
TYPE
Type
Type (Initial value: 00, R/W)
This field is used to identify the address type in the address phase of the target
function configuration cycle.
0x0: Type 0 configuration (Use the AD[31:11] signal as the IDSEL signal.)
0x1: Type 1 configuration (Output all bits unchanged as the address to the AD[ ]
signal.)
Figure 10.4.53 G2P Configuration Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com