Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 104 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 104 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 100Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 101Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 102Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 103Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 108Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 590 page
background image
Chapter 5 Configuration Register
5-14
5.2.10
GBUS Arbiter Control Register (GARBC)
0xE02C
31
16
Reserved
: Type
: Initial value
15
13
12
5
4
3
0
Reserved
Reserved
Reserved
ARBMD
R/W
R/W
R/W
: Type
0x00
1
1111
: Initial value
Bits
Mnemonic
Field Name
Description
31:13
Reserved
12:5
Reserved
Note: This bit is always set to “0” (Initial value: 0x00, R/W).
4
Reserved
Note: This bit is always set to “1” (Initial value: 1, R/W).
3:0
ARBMD
Arbitration Mode
Arbitration Priority (Initial value: 1111, R/W)
Specifies how to prioritize G-Bus arbitration.
0000: Fixed priority. The G-Bus arbitration priority conforms to the content of the
PRIORITY field (bits [14:0]).
1111: Round-robin (in a round-robin fashion, CHI > PDMAC > RTC > DMAC)
Others: Reserved (Don’t set these values.)
Note: Before accessing the PCI by DMAC, specify round-robin as the priority mode.
If fixed-priority mode is selected, a dead lock is likely to occur in PCI bus
access.
Figure 5.2.10 GBUS Arbiter Control Register (GARBC)
5.2.11
Register Address Mapping Register (RAMP)
0xE030
31
16
Reserved
: Type
: Initial value
15
0
RAMP [31:16]
R/W
: Type
0xFF1F
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
Reserved
15:0
RAMP[31:16]
Register Address
Mapping
Register Address Mapping (Initial value: 0xFF1F, R/W)
This is a base address register for the TX4925 built-in registers. It holds the high-
order 16 bits of a register address.
The default built-in register base address is 0xFFIF_0000. Even after the content of
the base address register is changed, the default value can be used to reference the
built-in registers.
(Refer to "4.2 Register Map".)
Figure 5.2.11 Register Address Mapping Register (RAMP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com