Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 109 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 109 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 109Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 110Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 111Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 112Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 113Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 590 page
background image
Chapter 6 Clocks
6-5
6.2
Power-Down Mode
6.2.1
Halt Mode and Doze Mode
The WAIT instruction causes the TX49/H2 core to enter either of the two low-power modes: Halt and
Doze. The TX49/H2 can exit from Halt or Doze mode upon an interrupt exception. Ensure, therefore,
that the TX49/H2 does not enter Halt or Doze mode when all interrupts are masked in the interrupt
controller.
The HALT bit of the TX49/H2 core Config register is used to select Halt or Doze mode. As the
TX4925 does not use the snoop function of the TX49/H2 core, the bit should be set to select Halt mode,
which achieves greater power reduction than Doze mode.
Setting PDNCTR.STPCPU to 1 and then executing the WAIT instruction can stop the clock input to
the TX49/H2 core, thus further reducing power dissipation.
The PDNCTR.STPCPU bit is not automatically cleared to 0 when the device exits from Halt or Doze
mode. To subsequently reenter Halt or Doze mode, first clear the bit to 0 in the program.
6.2.2
Power Reduction for Peripheral Modules
When the system does not use the DMA controller, PCI controller, CHI module, serial I/O controller,
timers/counters, SPI module, parallel I/O controller, or AC-link controller, it can stop the input clock for
that module to reduce power dissipation.
The clock control register (CLKCTR) is used to control whether to turn each clock on or off. The
module should be reset before its clock can be turned on or off. This reset is performed using the reset
bit for the specific module, provided in the clock control register. The reset also initializes the registers
of the module, thus requiring subsequent setup of necessary register values and other configurations.
Refer to Section 5.2.9, “Clock Control Register” for detail of the clock control register (CLKCTR).
6.2.3
Power-Down Mode
Setting the PDNCTR.PDN bit to 1 can stop all clocks output from the CG. This also stops the PLL.
In this state, only the RTC operates with the 32 kHz clock.
There is some delay between the time when the PDNCTR.PDN bit is set to 1 and the time when the
PLL and clock outputs actually stop. To prevent a bus cycle from occurring during power-down or
power-up transition, execute the program from cache.
Use an external interrupt or RTC interrupt to exit from power-down mode. PDNCTR.PDNMSK
specifies which interrupt will be used. Note that if the device enters power-down mode with all
interrupts disabled, you can only restore device operation by resetting it.
The PDNCTR.PDN bit is not automatically cleared to 0 when the device exits from power-down
mode. To subsequently reenter power-down mode, first clear the bit to 0 in the program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com