Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 328 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 328 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 324Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 325Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 326Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 327Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 328Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 329Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 330Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 331Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 332Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 590 page
background image
Chapter 10 PCI Controller
10-66
10.4.38 G2P Memory Space 0 PCI Base Address Register (G2PM0PBASE)
0xD150
31
16
BA[31:16]
R/W
: Type
0x0000
: Initial value
15
8
7
0
BA[15:8]
Reserved
R/W
: Type
0x00
: Initial value
Bits
Mnemonic
Field Name
Description
31:8
BA[31:8]
Base Address
Base Address (Initial value: 0x0000_00, R/W)
Sets the PCI Base address of Memory Space 0 for initiator access.
Can set the base address in 256-Byte units.
7:0
Reserved
Figure 10.4.38 G2P Memory Space 0 PCI Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com