Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 332 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 332 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 328Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 329Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 330Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 331Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 332Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 333Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 334Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 335Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 336Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 590 page
background image
Chapter 10 PCI Controller
10-70
10.4.42 PCI Controller Configuration Register (PCICCFG)
0xD170
31
20
19
16
Reserved
GBWC[19:16]
R/W
: Type
0xf
: Initial value
15
8
7
54
321
0
GBWC[7:0]
Reserved
Reserved
HRST SRST TCAR LCFG
R/W
R/W
R/W
R/W
R/W
R/W : Type
0xff
1
0
0
0
1
: Initial value
Bits
Mnemonic
Field Name
Description
31:20
Reserved
19:8
GBWC
G-Bus Wait
Counter Setting
G Bus Wait Counter (Initial value: 0xfff, R/W)
Sets the Retry response counter at the G-Bus during a PCI initiator Read transaction.
When the initiator Read access cycle exceeds the setting of this counter, a Retry
response is sent to the G-Bus and the G-Bus is released. PCI Read operation
continues. This counter uses the G-Bus clock (GBUSCLK) when operating.
When 0x000 is set, a Retry response is not sent to the G-Bus by a long response
cycle count.
7:5
Reserved
4
Reserved
Note: This bit is always set to “1”. (Initial value: 1, R/W)
3
HRST
Hardware Reset
Hard Reset (Initial value: 0, R/W)
Performs PCI Controller hardware reset control. This bit is automatically cleared when
Reset ends. This is a diagnostic function.
The PCI Controller cannot be accessed for 32 G-Bus clock cycles after this bit is set.
1: Perform a hardware reset on the PCI Controller.
0: Do not perform a hardware reset on the PCI Controller.
2
SRST
Software Reset
Soft Reset (Initial value: 0, R/W)
Performs PCI Controller software reset control. Also, please use the software to clear
this bit at least four PCI Bus Clock cycles after Reset.
Other registers of the PCI Controller cannot be accessed while this bit is set.
This bit differs from the Hardware Reset bit (HRST) in that the G-Bus Ack State
Machine is not affected. Should be able to R/W any registers. G2P Status Register
1TCAR
Target
Configuration
Access Ready
Target Configuration Access Ready (Initial value: 0/1, R/W)
Specifies whether to accept PCI access as a target.
During PCI boot, configuration access can be received from the PCI Bus after all
initialization has completed.
This bit becomes “1” only when in the PCI Boot Mode and the Satellite Mode.
Operation when this bit is set to “1” then reset to “0” is not defined.
1: Responds to PCI target access.
0: Performs a Retry response to PCI target access.
0LCFG
Load
Configuration
Data Register
Load PCI Configuration Data Register (Initial value: 1, R/W)
This bit is set to 1 after reset including Hard or Soft reset in PCIC. It can be cleared
only by software.
When this bit is “1”, the value written to the Configuration Data 0/1/2/3 Register is also
written to the Configuration Space Register.
This bit must be cleared by software after load because no PCI config cycles will be
possible until it is cleared.
1: Load from the Configuration Data 0/1/2/3 Register.
0: No Load.
Figure 10.4.42 PCI Controller Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com