Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 336 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 336 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 332Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 333Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 334Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 335Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 336Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 337Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 338Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 339Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 340Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 590 page
background image
Chapter 10 PCI Controller
10-74
10.4.46 P2G Memory Space 0 Control Register (P2GM0CTR)
0xD184
31
29
28
20
19
16
Reserved
AM[28:20]
Reserved
R/W
: Type
0x03F
: Initial value
15
11
10
8
7
5
4
3
2
1
0
Reserved
TPRBL
Reserved
TMCC Reserved MEMOPD P2GM0EN BSWAP
R/W
R/W
R/W
R/W
R/W
R/W : Type
010
0
1
1
0
0/1
: Initial value
Bits
Mnemonic
Field Name
Description
31:29
Reserved
28:20
AM[28:20]
Address Mask
PCI-Bus to G-Bus Address Mask (Initial value: 0x03F, R/W)
Sets the bits to be subject to address comparison. See 10.3.4 for more information.
When setting a memory space size of 256 MB (0x1000_0000) for example, the value
becomes 0x0FFF.
19:11
Reserved
10:8
TPRBL
Target Prefetch
Read Burst
Length
Target Prefetch Read Burst Length (Initial value: 0x3, R/W)
These bits set the G-Bus Burst Size (in DWORDS, (32-bit words)) to be read into the
data FIFO during a target memory Read operation.
0x000: Access and transfer 1DWORD (NO BURST)
0x001: Access and transfer 4 DWORDs of data to the target read FIFO.
0x010: Access and transfer 8 DWORDs of data to the target read FIFO.
0x011: Access and transfer 16 DWORDs of data to the target read FIFO.
0x1xx: Access and transfer 32 DWORDs of data to the target read FIFO.
7:5
Reserved
4
TMCC
Target Memory
space 0 Cache
Clear
Target Memory space 0 Cache Clear (Initial value: 0, R/W)
A write of 1 will flush the Target Memory Cache 0. This bit is cleared automatically.
1: Cache Clear
0: Don’t care
3
Reserved
Note: This bit is always set to “0”. (Initial value: 1, R/W)
2
MEM0PE
Memory 0
Window Prefetch
Enable
Memory 0 Window Prefetch Enable (Initial value: 1, R/W)
If this bit is set, Prefetching of G-Bus data will occur on Target Memory Reads. If this
bit is cleared, 1 Burst of length TPRBL will be done on the G-Bus.
Even if the setting of this bit is changed, prefetchable bits in the Base Address
Register of the PCI Configuration Space will not reflect this change. We recommend
using the default setting when the PCI Controller is in the Satellite mode.
1P2GM0EN
Memory Space 0
Enable
Target Memory Space 0 Enable (Initial value: 0, R/W) Controls whether Memory
Space 0 for target access is valid or invalid.
When this bit is set to invalid, Writes to the Memory Space 0 Base Address Register
of the PCI Configuration Register become invalid. Also, “0” is returned to Reads as a
response.
1: Validates Memory Space 0 for target access.
0: Invalidates Memory Space 0 for target access.
0
BSWAP
Byte Swap
Byte Swap Enable
(Initial value: Little Endian Mode: 0; Big Endian Mode: 1, R/W) Sets the byte swapping
of Memory Space 0 for target access..
0: Do not perform byte swapping.
1: Perform byte swapping.
Please use the default state in most situations. If this bit is changed to “0” when in the
Big Endian Mode, the byte order of transfer to Memory Space 0 through DWORD (32-
bit) access will not change.
Figure 10.4.46 P2G Memory Space 0 Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com