Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4024 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC4024
Description  7-stage binary ripple counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4024 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC4024 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
74HC4024
7-stage binary ripple counter
Rev. 10 — 23 November 2018
Product data sheet
1. General description
The 74HC4024 is a 7-stage binary ripple counter with a clock input (CP), an overriding
asynchronous master reset input (MR) and seven fully buffered parallel outputs (Q0 to Q6). The
counter advances on the HIGH-to-LOW transition of CP. A HIGH on MR clears all counter stages
and forces all outputs LOW, independent of the state of CP. Each counter stage is a static toggle
flip-flop. Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock
rise and fall times. Inputs include clamp diodes. This enables the use of current limiting resistors to
interface inputs to voltages in excess of VCC.
2. Features and benefits
• Low-power dissipation
• Complies with JEDEC standard no. 7A
• CMOS input levels
• ESD protection:
• HBM JESD22-A114F exceeds 2 000 V
• MM JESD22-A115-A exceeds 200 V.
• Specified from -40 °C to +80 °C and from -40 °C to +125 °C.
3. Applications
• Frequency dividing circuits
• Time delay circuits.
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74HC4024D
-40 °C to +125 °C
SO14
plastic small outline package;
14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - 74HC4024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
7-stage binary ripple counter
logo
NXP Semiconductors
74HC4024D PHILIPS-74HC4024D Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC4024D-Q100 NEXPERIA-74HC4024D-Q100 Datasheet
219Kb / 13P
7-stage binary ripple counter
logo
NXP Semiconductors
74HC4024DB PHILIPS-74HC4024DB Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
More results

Similar Description - 74HC4024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
STMicroelectronics
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
Sep-2001
logo
List of Unclassifed Man...
IW4024B ETC1-IW4024B Datasheet
318Kb / 7P
7 Stage Ripple-Carry Binary Counter/Divider
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
7 Stage Ripple-Carry Binary Counter/Dividers
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
7-stage binary ripple counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com