Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909GS Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 26Page - Renesas Technology Corp UPC1909GS Datasheet HTML 27Page - Renesas Technology Corp UPC1909GS Datasheet HTML 28Page - Renesas Technology Corp UPC1909GS Datasheet HTML 29Page - Renesas Technology Corp UPC1909GS Datasheet HTML 30Page - Renesas Technology Corp UPC1909GS Datasheet HTML 31Page - Renesas Technology Corp UPC1909GS Datasheet HTML 32Page - Renesas Technology Corp UPC1909GS Datasheet HTML 33Page - Renesas Technology Corp UPC1909GS Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Data Sheet G14309EJ2V0DS00
28
µµµµPC1909
4.8 Overvoltage Protection Circuit Setting
The overvoltage protection circuit based on the overvoltage latch in the
µPC1909 is configured as shown in Figure 4-
12 below. The threshold voltage connected to the overvoltage detection comparator (VTH(OV)) is 2.0 to 2.8 V (2.4 V
TYP.). If the input at the OV pin exceeds VTH(OV), the flip-flop in the IC latches OUT1 and OUT2 to low level. Once the
overvoltage latch circuit is latched, it is not released until the power supply voltage of the IC (VCC) falls below the OVL
release voltage (2 V TYP.) (because ICC is higher than ICC(SB) when the circuit is latched, the operation status will not be
restored in the steady input state).
Figure 4-12.
µµµµPC1909 Overvoltage Protection Circuit
VTH(OV)
SQ
R
VREF
VCC
GND
OV
1
3
9
14
IB(OV)
From converter output
Photo-
coupler
To output circuit
of OUT1, OUT2
Overvoltage detection comparator
Flip-flop
Reference
voltage
Zener diode
Discharge current flows through the OV pin. This is the input bias current of the overvoltage latch block in the electrical
specifications (IB(OV) = 4
µA MAX.). To prevent the detection level fluctuating due to IB(OV), and to allow for the effect of
the leakage current between C and E in the photocoupler, be sure to set the overvoltage detection resistor connected to
the OV pin to no more than 100 k
Ω.
Because the OVL (overvoltage latch) detection delay time is about 750 ns, a capacitor with good frequency
characteristics should be connected between the OV pin and GND to prevent malfunction due to noise. However, if the
overvoltage latch circuit does malfunction due to electrostatic discharge or other such external noise, an effective
countermeasure is to connect a capacitor with good frequency characteristics such as a film capacitor between VCC and
GND.
Caution If the power is reapplied immediately after being stopped (VREF drop) while there is charge remaining
in the filter’s capacitor (such as when VCC (auxiliary coil voltage) is being monitored from VREF without
configuring an overvoltage protection circuit such as is shown in Figure 4-12), the overvoltage latch
threshold value will be boosted in proportion with the boosting of VREF, possibly causing the over-
voltage latch to latch too easily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com