Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909GS Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 30Page - Renesas Technology Corp UPC1909GS Datasheet HTML 31Page - Renesas Technology Corp UPC1909GS Datasheet HTML 32Page - Renesas Technology Corp UPC1909GS Datasheet HTML 33Page - Renesas Technology Corp UPC1909GS Datasheet HTML 34Page - Renesas Technology Corp UPC1909GS Datasheet HTML 35Page - Renesas Technology Corp UPC1909GS Datasheet HTML 36Page - Renesas Technology Corp UPC1909GS Datasheet HTML 37Page - Renesas Technology Corp UPC1909GS Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Data Sheet G14309EJ2V0DS00
32
µµµµPC1909
6. RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering
processes are used, or if the soldering is performed under different conditions, please make sure to consult with our
sales offices.
For more details, refer to our document "SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL"(C10535E).
Type of Through-hole Device
µµµµPC1909CX: 16-pin plastic DIP (7.62 mm (300))
Soldering Method
Soldering Conditions
Wave soldering (pins only)
Solder bath temperature : 260
°C MAX., Time : 10 seconds MAX.
Partial heating
Pin temperature : 300
°C MAX., Time : 3 seconds MAX. (per pin)
Caution For through-hole device, the wave soldering process must be applied only to leads, and make
sure that the package body does not get jet soldered.
Type of Surface Mount Device
µµµµPC1909GS: 16-pin plastic SOP (7.62 mm (300))
Soldering Method
Soldering Conditions
Recommended
Condition symbol
Infrared reflow
Package peak temperature : 235
°C, Time : 30 seconds MAX.
(at 210
°C or higher), Count : Twice or less
IR35-00-2
VPS
Package peak temperature : 215
°C, Time : 40 seconds MAX.
(at 200
°C or higher), Count : Twice or less
VP15-00-2
Wave soldering
Soldering bath temperature : 260
°C or less, Time : 10 seconds
MAX., Count : Once, Preheating temperature : 120
°C MAX.
(package surface temperature)
WS60-00-1
Caution Do not use different soldering methods together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com