Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909GS Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 15Page - Renesas Technology Corp UPC1909GS Datasheet HTML 16Page - Renesas Technology Corp UPC1909GS Datasheet HTML 17Page - Renesas Technology Corp UPC1909GS Datasheet HTML 18Page - Renesas Technology Corp UPC1909GS Datasheet HTML 19Page - Renesas Technology Corp UPC1909GS Datasheet HTML 20Page - Renesas Technology Corp UPC1909GS Datasheet HTML 21Page - Renesas Technology Corp UPC1909GS Datasheet HTML 22Page - Renesas Technology Corp UPC1909GS Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Data Sheet G14309EJ2V0DS00
17
µµµµPC1909
3.5 Overvoltage Protection Operation
The overvoltage latch circuit is a protection circuit that stops the power supply to prevent damage to the load after
detection of overvoltage caused by abnormal boosting of the output of the converter.
The internal configuration of the overvoltage latch circuit is shown in Figure 3-6 below.
Figure 3-6.
µµµµPC1909 Overvoltage Latch Circuit
VTH(OV)
OV
VREF
1
14
SQ
R
To output circuit of OUT1, OUT2
Overvoltage detection comparator
Flip-flop
The threshold voltage (VTH(OV)) connected to the overvoltage detection comparator is 2.0 to 2.8 V (2.4 V TYP.). If the
voltage of the OV pin exceeds VTH(OV), OUT1 and OUT2 are latched to low level. The waveforms when OV (overvoltage)
occurs are shown in Figure 3-7 below.
To reset the status of the overvoltage latch, drop the voltage of the VCC pin to below the OVL release voltage (VR(OV) =
2 V TYP.), and drop the voltage of the VREF pin to a sufficiently low level.
Figure 3-7. Waveforms When Overvoltage Latch Is Operating
OUT1
OV
DTC1
FB
DTC2
OUT2
CT
dCT
T9
td(OV)
VTH(OV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com