Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909GS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 6Page - Renesas Technology Corp UPC1909GS Datasheet HTML 7Page - Renesas Technology Corp UPC1909GS Datasheet HTML 8Page - Renesas Technology Corp UPC1909GS Datasheet HTML 9Page - Renesas Technology Corp UPC1909GS Datasheet HTML 10Page - Renesas Technology Corp UPC1909GS Datasheet HTML 11Page - Renesas Technology Corp UPC1909GS Datasheet HTML 12Page - Renesas Technology Corp UPC1909GS Datasheet HTML 13Page - Renesas Technology Corp UPC1909GS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Data Sheet G14309EJ2V0DS00
8
µµµµPC1909
Typical Characteristics Curves (Unless otherwise specified, TA = 25
°°°°C, VCC = 10 V, Reference Values)
−25
PT vs. TA
0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
TA - Ambient Temperature -
°C
PC1909CX
µ
PC1909GS
µ
ICC(SB) vs. TA
0
50
100
150
200
250
050
25
75
100
TA - Ambient Temperature -
°C
ICC vs. VCC
0
0.4
0.8
12
10
14
16
18
5
10152025
VCC - Supply Voltage - V
Under-Voltage Lockout Circuit
0
2.5
5
7.5
10
12.5
15
2.5
5
7.5
10
12.5
15
VCC - Supply Voltage - V
VCC (H to L)
fOSC = 200 kHz
Without load
VH
VH
VCC (L to H)
VOUT1 vs. VIN
0
5
10
15
20
123456
VIN - Remote Control Voltage - V
VIN (OFF)
VIN (ON)
ICC (SB)
ICC
(SB)
ICC vs. VCC (During OVL Operation)
0
0.4
0.8
12
10
14
16
18
5
10152025
VCC - Supply Voltage - V
VH
fOSC = 200 kHz
180
°C/W
125
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com