Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909GS Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 27Page - Renesas Technology Corp UPC1909GS Datasheet HTML 28Page - Renesas Technology Corp UPC1909GS Datasheet HTML 29Page - Renesas Technology Corp UPC1909GS Datasheet HTML 30Page - Renesas Technology Corp UPC1909GS Datasheet HTML 31Page - Renesas Technology Corp UPC1909GS Datasheet HTML 32Page - Renesas Technology Corp UPC1909GS Datasheet HTML 33Page - Renesas Technology Corp UPC1909GS Datasheet HTML 34Page - Renesas Technology Corp UPC1909GS Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Data Sheet G14309EJ2V0DS00
29
µµµµPC1909
4.9 Output Circuit
The output circuit is a totem-pole output with a peak output current rating (I C(peak)) of 1.2 A. Although a power MOS FET
can be driven directly, be careful not to exceed the allowable loss of the
µPC1909 when the input capacitance of the
power MOS FET is large or the operating frequency is high. The switching speed of the power MOS FET is determined by
the charge/discharge current of the gates and the charge of the power MOS FET’s gates. Be sure, however, to insert a
series resistor at the gates of the power MOS FET to avoid exceeding the peak output current rating of the
µPC1909.
Note that the heat generated in the
µPC1909 by the output current is determined by the charge at the gates of the power
MOS FET, and is not related to the switching speed.
When the 2SK1954 is used, for example, the loss of the
µPC1909 (Pd) can be determined as follows,
when the gate drive voltage VGS
≅ VOUT1 = 10 V and
the oscillation frequency fOSC = 200 kHz,
as shown in the gate charge graph on the right (Figure 4-13):
Pd = QG · VGS · fOSC
=10 [nC] x 10 [V] x 200 [kHz]
=0.02 [W]
Moreover, when the
µPC1909 and the power MOS FET are
separated, the wiring from the OUT1 and OUT2 output pins is
lengthened, which combined with the parasitic inductance and
floating capacitance elements of the power MOS FET causes
the voltage of the OUT1 and OUT2 pins to fall below that of the GND pin (undershoot). In this case, clamp the undershoot
by connecting a Schottky barrier diode as shown in Figure 4-14 to prevent the possibility of malfunction in the
µPC1909.
Figure 4-14. Power MOS FET Drive Circuit Block
GND
µPC1909
OUT1 (Pin No.11),
OUT2 (Pin No.6)
EMI1 (Pin No.10),
EMI2 (Pin No.8)
3
Schottky barrier diode
Shunt resistor
Note that when active clamping, if the C-cut drive transistor is driven by OUT2, the voltage of the OUT2 pin may become
higher than VCC. It is therefore vital to observe VOUT2
≤ VCC + 5 V by taking action such as connecting a diode between
OUT2 and VCC.
Figure 4-13. 2SK1954 Gate Change Characteristics
VGS
VDS
0
2
4
6
8
10121416
20
40
60
80
100
120
140
160
2
0
4
6
8
10
12
14
16
VDD = 140 V
90 V
36 V
ID = 4 A
QG - Gate Charge - nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com