Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909GS Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 16Page - Renesas Technology Corp UPC1909GS Datasheet HTML 17Page - Renesas Technology Corp UPC1909GS Datasheet HTML 18Page - Renesas Technology Corp UPC1909GS Datasheet HTML 19Page - Renesas Technology Corp UPC1909GS Datasheet HTML 20Page - Renesas Technology Corp UPC1909GS Datasheet HTML 21Page - Renesas Technology Corp UPC1909GS Datasheet HTML 22Page - Renesas Technology Corp UPC1909GS Datasheet HTML 23Page - Renesas Technology Corp UPC1909GS Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Data Sheet G14309EJ2V0DS00
18
µµµµPC1909
4. SETTINGS
4.1 Controller Settings
The feedback circuit for when the converter output voltage is detected on the secondary side is configured as shown in
Figure 4-1 below. The feedback gain is primarily determined by the R1 resistor.
Figure 4-1. Feedback Circuit Configuration
VREF
R1
GND
FB
IK
12
3
14
From comparator output
Shunt regulator
Photo-
coupler
PWM comparator 1
PWM comparator 2
To output circuit of OUT1
To output circuit of OUT2
The voltage of the FB pin is input to PWM comparators 1 and 2.
During steady operation (DTC2 < FB < DTC1), the duty of OUT1 and OUT2 is determined by the slice level of the
triangle wave based on the FB pin voltage.
Caution
When using a shunt regulator such as the
µµµµPC1093 for the secondary-side detector, Ik must be
set bearing in mind the variation of the CTR in the photocoupler. Also, be sure to use the
photocoupler grounded at the emitter ground.
4.2 Startup Circuit, Low Voltage Malfunction Prevention Circuit Settings
The startup circuit is configured as shown in Figure 4-2 below.
Figure 4-2. Startup Circuit
VREF
VCC
VCC IN
R3
R4
C3
C2
C1
GND
DTC1
13
3
9
R2
D1
NZ
NP
14
Primary coil
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com