Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1909GS Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 22Page - Renesas Technology Corp UPC1909GS Datasheet HTML 23Page - Renesas Technology Corp UPC1909GS Datasheet HTML 24Page - Renesas Technology Corp UPC1909GS Datasheet HTML 25Page - Renesas Technology Corp UPC1909GS Datasheet HTML 26Page - Renesas Technology Corp UPC1909GS Datasheet HTML 27Page - Renesas Technology Corp UPC1909GS Datasheet HTML 28Page - Renesas Technology Corp UPC1909GS Datasheet HTML 29Page - Renesas Technology Corp UPC1909GS Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Data Sheet G14309EJ2V0DS00
24
µµµµPC1909
4.4.2 Dead time adjustment
The dead time between the fall of OUT1 and the rise of OUT2 (tqc) and the dead time between the fall of OUT2 and the
rise of OUT1 (tqd) is determined by the oscillation frequency and the amount of level shift of the triangle wave.
Although usually tqc = tqd, if these values differ, connect a suitable resistor between the CT pin and the VREF pin, as well
as between the CT pin and GND, and adjust the dead time by making the oscillation waveform asymmetrical, as shown
in Figure 4-8.
Figure 4-8. Dead Time Adjustment
VREF
R2
RT
RT
CT
CT
GND
16
15
3
14
VREF
R1
RT
RT
CT
CT
GND
16
15
3
14
FB
(a) tqc < tqd
(b) tqc > tqd
OUT1
OUT2
tqc
tqd
CT
dCT
FB
OUT1
OUT2
tqc
tqd
CT
dCT
The charge current (ICT) of the timing capacitor (CT) is expressed as follows.
ICT [A] =
800
+ RT [Ω]
4.2
If RT is taken as 20 k
Ω, ICT will be approximately 200
µA.
To reduce tqc, connect a resistor (R1) between the VREF and CT pins. If the value of the resistor is set so that the current
charged in CT is about 10% more than ICT, tqc can be reduced and tqd increased by about 10% compared to when R1 is
not connected.
R1 here can be calculated from the following equation.
R1 [
Ω] =
ICT [A]
VREF [V]
− VOSC [V]
∆
Remark VOSC : Central voltage value of triangle wave
∆ICT : Value of ICT current increased (decreased) by R1 (R2)
Note also that connecting a resistor (R2) between CT and GND makes it possible to reduce the current charged to CT.
If a resistor is selected that allows about 10% current to flow, tqc can be increased and tqd reduced by about 10%
compared to when R2 is not connected.
R2 here can be calculated from the following equation.
R2 [
Ω] =
ICT [A]
VOSC [V]
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com