Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 15Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 16Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 17Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 18Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 19Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 20Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 21Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 22Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 555 page
background image
Revision 0.8
19
www.national.com
Signal Definitions (Continued)
2.1
BALL ASSIGNMENTS
As illustrated in Figure 2-1 on page 18, the CS5535 is con-
figurable. Boot options and register programming are used
to set various modes of operation and specific signals on
specific balls.
This section describes the ball assignments and interface
options:
• Figure 2-2 "208-PBGA Ball Assignment Diagram" on
page 20:
— Top view looking through package.
• Table 2-2 "Ball Assignments: Sorted by Ball Number" on
page 21:
— Primary signal name is listed first.
— Includes a column labeled Buffer Type. See Section
2.1.1 "Buffer Types" on page 28 for details.
— Includes a column labeled Configuration with refer-
ences to:
– BOS[1:0] - See Section 2.1.2 "Boot Options" on
page 29.
– Ball Opt MSR - See Section 2.1.3 "Ball Options"
on page 29.
– AUX_IN, AUX_OUT_1, and AUX_OUT_2 - See
Section 2.2.8 "GPIOs" on page 42.
• Table 2-3 "Ball Assignments: Sorted Alphabetically by
Signal Name" on page 25:
— Quick-reference list, sorted alphabetically with
primary signal listed first.
The tables in this section use several abbreviations. Table
2-1 lists the mnemonics and their meanings.
Table 2-1. Abbreviations/Definitions
Mnemonic
Definition
A
Analog
AVSS
Analog Ground Connection
AVDD
Analog Power Connection
GND
Ground
I
Input
I/O
Bidirectional
O
Output
OD
Open-drain
Ball Opt MSR
Model Specific Register Ball Options: A register is used to configure balls with multiple functions.
Refer to Section 2.1.3 "Ball Options" on page 29 for further details.
PD
Pull-down resistor
PWR
Power
PU
Pull-up resistor
TS
TRI-STATE
VCORE
1.5V Core Power Working Connection
VCORE_VSB
1.5V Core Power Standby Connection
VIO
3.3V I/O Power Working Connection
VIO_VSB
3.3V I/O Power Standby Connection
VSS
Ground
#
The “#” symbol at the end of a signal name indicates that the active, or asserted state occurs when
the signal is at a low voltage level. When “#” is not present after the signal name, the signal is asserted
when at a high voltage level.
/
A “/” in a signal name indicates the function is always enabled (i.e., time multiplexed - available when
needed).
+
A “+” in a signal name indicates the function is available on the ball, but that either strapping options or
register programming is required to select the desired function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com