Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 22Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 23Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 24Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 25Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 26Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 27Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 28Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 29Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 555 page
background image
www.national.com
26
Revision 0.8
Signal Definitions (Continued)
IDE_DATA11
FLASH_AD21/AD6
C17
IDE_DATA12
FLASH_AD22/AD7
A17
IDE_DATA13
FLASH_AD23/AD8
B16
IDE_DATA14
FLASH_AD24/AD9
B15
IDE_DATA15
FLASH_ALE
C14
IDE_DREQ0#
FLASH_CS2#,
FLASH_CE2#
A14
IDE_IOR0#
FLASH_RE#
B13
IDE_IOW0#
FLASH_WE#
C13
IDE_IRQ0
GPIO2
B12
IDE_RDY0
FLASH_IOCHRDY,
FLASH_RDY/BUSY
#
A13
IDE_RESET#
F15
IRDY#
R10
IRQ13
K2
KHZ32_XCI
A4
KHZ32_XCO
B3
LOW_BAT#
GPIO25,
MFGPT7_C2
A9
LPC_AD0
GPIO16
H2
LPC_AD1
GPIO17
J2
LPC_AD2
GPIO18
J1
LPC_AD3
GPIO19
K1
LPC_CLK
H1
LPC_DRQ#
GPIO20
G1
LPC_FRAME#
GPIO22
H3
LPC_SERIRQ
GPIO21,
MFGPT2_RS
G2
LVD_EN#
C7
LVD_TEST
B9
MFGPT0_C1
GPIO5,
MFGPT1_RS
D3
MFGPT0_C2
AC_BEEP,
GPIO1
K3
MFGPT0_RS
GPIO6,
MFGPT1_C1,
MFGPT2_C2
D2
MFGPT1_C1
GPIO6,
MFGPT0_RS,
MFGPT2_C2
D2
MFGPT1_C2
GPIO11,
SLP_CLK_EN#
A1
MFGPT1_RS
GPIO5,
MFGPT0_C1
D3
MFGPT2_C1
GPIO7,
SLEEP_X
C2
MFGPT2_C2
GPIO6,
MFGPT0_RS,
MFGPT1_C1
D2
Signal Name
Muxed with
Ball
No.
MFGPT2_RS
GPIO21,
LPC_SERIRQ
G2
MFGPT7_C1
GPIO27,
32KHZ
C8
MFGPT7_C2
GPIO25,
LOW_BAT#
A9
MFGPT7_RS
GPIO26
B7
MHZ14_CLK
C1
MHZ48_CLK
N17
MHZ66_CLK
A10
NC (Total of 19)
A2,
A16,
B1,
B4,
B5,
C11,
G15,
H15,
J15,
K15,
L15,
M15,
R3,
R9,
T2,
U2,
U15,
U16,
U17
PAR
U10
PCI_CLK
U4
PWR_BUT#
GPIO28
A8
REQ#
T1
RESET_OUT#
A5
RESET_STAND#
B8
RESET_WORK#
C6
SLEEP_BUT
GPIO13
F2
SLEEP_X
GPIO7,
MFGPT2_C1
C2
SLEEP_Y
AC_S_IN2,
GPIO12
J3
SLP_CLK_EN#
GPIO11,
MFGPT1_C2
A1
SMB_CLK
GPIO14
G3
SMB_DATA
GPIO15
F1
STOP#
T11
SUSP#
CIS
P3
SUSPA#
N1
T_DEBUG_IN
M2
T_DEBUG_OUT
M3
TCK
N2
TDI
P1
TDO
P2
TEST_MODE
A6
Signal Name
Muxed with
Ball
No.
THRM_ALRM#
GPIO10
C3
TMS
N3
TRDY#
T10
UART1_IR_RX
GPIO9,
UART1_RX
D1
UART1_IR_TX
GPIO8,
UART1_TX
E3
UART1_RX
GPIO9,
UART1_IR_RX
D1
UART1_TX
GPIO8,
UART1_IR_TX
E3
UART2_RX
GPIO3
E1
UART2_TX
GPIO4
E2
USB_OC_SENS#
N15
USB_PWR_EN1
P17
USB_PWR_EN2
N16
USB1_1_DATNEG
K17
USB1_1_DATPOS
K16
USB1_2_DATNEG
L17
USB1_2_DATPOS
L16
USB2_1_DATNEG
H16
USB2_1_DATPOS
H17
USB2_2_DATNEG
G16
USB2_2_DATPOS
G17
VBAT
A3
VCORE (Total of 8)
D8,
D10,
H4,
H14,
K4,
K14,
P8,
P10
VCORE_VSB
A7
Signal Name
Muxed with
Ball
No.
Table 2-3.
Ball Assignments: Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com