Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 34Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 35Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 36Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 37Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 38Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 39Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 40Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 41Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 555 page
background image
www.national.com
38
Revision 0.8
Signal Definitions (Continued)
2.2.4
USB Interface
Signal Name
Ball No.
Type
Description
USB_PWR_EN1
P17
O
USB Power Enable 1. This signal is intended to be used to enable an
external USB power source for Port 1, such as the National LM3526.
USB_PWR_EN1 is an active high signal. If low, it indicates that the
external USB power source for Port 1 is turned off. Defaults off from
reset.
USB_PWR_EN2
N16
O
USB Power Enable 2. This signal is intended to be used to enable an
external USB power source for Port 2, such as the National LM3526.
USB_PWR_EN2 is an active high signal. If low, it indicates that the
external USB power source for Port 2 is turned off. Defaults off from
reset.
USB_OC_SENS#
N15
I
USB Over Current Sense. This signal is the logical OR or wired-OR
from all external USB power supply devices, such as the National
LM3526, and is shared by USB1 and USB2 (all four ports). When
pulled low it causes both USB_PWR_EN1 and USB_PWR_EN2 to
de-assert and generate an interrupt. Tie high if not used.
USB1_1_DATPOS
K16
I/O
USB Port 1_1 Data Positive. This is the positive differential side of
the USB data for port 1_1. (Note 1, Note 2.)
Note 1. Use external 27
Ω series resistor on output. From reset, these outputs are in TRI-STATE. At board level, a 15 kΩ
pull-down resistor is required per the USB specification.
Note 2. External clamping diodes may be needed to meet over voltage requirements.
USB1_1_DATNEG
K17
I/O
USB Port 1_1 Data Negative. This is the negative differential side of
the USB data for port 1_1. (Note 1, Note 2.)
USB1_2_DATPOS
L16
I/O
USB Port 1_2 Data Positive. This is the positive differential side of
the USB data for port 1_2. (Note 1, Note 2.)
USB1_2_DATNEG
L17
I/O
USB Port 1_2 Data Negative. This is the negative differential side of
the USB data for port 1_2. (Note 1, Note 2.)
USB2_1_DATPOS
H17
I/O
USB Port 2_1 Data Positive. This is the positive differential side of
the USB data for port 2_1. (Note 1, Note 2.)
USB2_1_DATNEG
H16
I/O
USB Port 2_1 Data Negative. This is the negative differential side of
the USB data for port 2_1. (Note 1, Note 2.)
USB2_2_DATPOS
G17
I/O
USB Port 2_2 Data Positive. This is the positive differential side of
the USB data for port 2_2. (Note 1, Note 2.)
USB2_2_DATNEG
G16
I/O
USB Port 2_2 Data Negative. This is the negative differential side of
the USB data for port 2_2. (Note 1, Note 2.)
AVSS_USB
F16, J16,
M16
AGND
USB Analog Circuit Ground. Total of three ground balls for the USB
transceivers. Most applications should connect this to signal ground.
AVDD_USB
F17, J17,
M17
APWR
USB Analog Circuit Power. Total of three power balls for the USB
transceivers. Most applications should connect this to VIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com