Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 94Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 95Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 96Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 97Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 98Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 99Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 100Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 101Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 555 page
background image
www.national.com
98
Revision 0.8
DIVIL Functional Description (Continued)
4.6.1.2
Variable Target Size I/O LBARs
This discussion applies to the following LBARs:
• MSR 51400010h: Flash Chip Select 0
(MSR_LBAR_FLSH0) with bit 34 = 0 (I/O mapped)
• MSR 51400011h: Flash Chip Select 1
(MSR_LBAR_FLSH1) with bit 34 = 0 (I/O mapped)
• MSR 51400012h: Flash Chip Select 2
(MSR_LBAR_FLSH2) with bit 34 = 0 (I/O mapped)
• MSR 51400013h: Flash Chip Select 3
(MSR_LBAR_FLSH3) with bit 34 = 0 (I/O mapped)
Note:
Flash Chip Selects [3:0] can be programmed for
I/O or a memory space. See Section 4.6.1.3
"Memory LBARs".
The I/O LBAR works just like the Fixed style, except the
size of the IO_MASK has been expanded to cover the
entire address range (see Figure 4-12). In the Fixed style,
the IO_MASK applies to bits [15:12] but for Variable style,
the IO_MASK applies to bits [15:4]. If all bits are set, then
the target size is 16 bytes and base address bits [15:4]
determine the base. Base bits [3:0] are a “don't care” and
are effectively forced to zero by the hardware. Thus, the
smallest I/O target is 16 bytes. As the LSBs of IO_MASK
are cleared, the “target space” expands. For example,
assume a 64-byte device is desired in I/O space. The
IO_MASK = FFCh, base address bits [15:6] are pro-
grammed to the desired base, and base address bits [5:4]
are cleared (see Rule on page 97).
4.6.1.3
Memory LBARs
This discussion applies to the following LBARs:
• MSR 51400009h: KEL from USB Host Controller 1
(MSR_LBAR_KEL1)
• MSR 51400010h: Flash Chip Select 0
(MSR_LBAR_FLSH0) with bit 34 = 1 (memory mapped)
• MSR 51400011h: Flash Chip Select 1
(MSR_LBAR_FLSH1) with bit 34 = 1 (memory mapped)
• MSR 51400012h: Flash Chip Select 2
(MSR_LBAR_FLSH2) with bit 34 = 1 (memory mapped)
• MSR 51400013h: Flash Chip Select 3
(MSR_LBAR_FLSH3) with bit 34 = 1 (memory mapped)
• MSR 5140000Ah: KEL from USB Host Controller 2
(MSR_LBAR_KEL2)
Note:
The Flash Chip Selects [3:0] can be programmed
for an I/O space or a Memory space.
For memory space, the LBAR works exactly like the Vari-
able style (see Figure 4-13), except that clearing the LSBs
of the MEM_MASK begins to make sense. For example,
assume there is a 64 kB external ROM that is going to be
connected to Flash Chip Select 0. Such a device needs
address bits [15:0]. The MEM_MASK would normally be
programmed to FFFF0h and base address bits [31:16]
would be programmed to the desired base. The values in
base address [15:12] would be cleared because the asso-
ciated mask bits are cleared (see Rule on page 97). Lastly,
the memory target can not be smaller than 4 kB.
Figure 4-12. I/O Space LBAR - Variable Target Size
Figure 4-13. Memory Space LBAR
ADDR[15:4]
I/O_MASK
Compare
BASE_ADDR
Hit
[15:4]
[15:4]
ADDR[31:12]
MEM_MASK
Compare
BASE_ADDR
Hit
[31:12]
[31:12]
Note:
The memory mask is always 20 bits, which is equal to the number of memory base address bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com