Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 98Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 99Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 100Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 101Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 102Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 103Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 104Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 105Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 555 page
background image
www.national.com
102
Revision 0.8
PIT Functional Description (Continued)
The read-back command present in the 8254 PIT is used
to determine the current counter value and its status like
counting format, the counting mode, the low-order or high-
order byte or both being read or written, and the status of
its output. Figure 4-16 shows the format of the read-back
command. The two most significant bits define the read-
back command with their value 11b. CT and ST indicate
that the value and the status of the counter are to be deter-
mined respectively. The C0-C2 bits define the counter
whose value or status is to be determined. With the read-
back command, several counter latch commands can be
issued in parallel by indicating several counters simulta-
neously with the C0-C2 bits. The 8254 then behaves as if
several counter latch commands have been issued individ-
ually, and transfers the individual count values into the out-
put latches of each counter. All successive counter latch
commands, whether issued by its own counter or a next
read-back command, are ignored if the counter concerned
has not been read by counter read instructions. To deter-
mine the programmed mode of a particular counter, set CT
= 1 and ST = 0.
The read-back command latches the current mode and
provides a status byte (see Figure 4-17) at the port address
of the counter concerned. This status byte is fetched by a
counter read instruction. The PIN bit indicates the current
status of the concerned counter’s output pin. If PIN = 1,
then the counter output is at logic 1, else at logic 0. Bit 0
shows whether the last written counter value has already
been transferred to the counter. Not before zero = 0 is it
meaningful to read back the counter value.
Figure 4-16. PIT Read-Back Command Format
Figure 4-17. PIT Status Byte Format
CT: Determine count value of selected counter.
0 = Determine count value.
1 = Do not determine count value.
ST: Determine status of selected counter.
0 = Determine count status.
1 = Do not determine count status.
C2, C1, C0: Counter selection.
0 = Counter not selected.
1 = Counter selected.
7654321
0
CT
ST
C2
C1
C0
x
1
1
PIN: Status of counter output pin:
0 = Output pin low.
1 = Output pin high.
LOAD: Is counter loaded with a start value?
0 = Counter loaded, count value can be read.
1 = Counter not yet loaded, count value cannot be read.
LH: Corresponds to bits [5:4] of the Control Word register.
MODE: Corresponds to bits [3:1] of the Control Word register.
BCD: Corresponds to bit 0 of the Control Word register.
76543210
LH
MODE
BCD
LOAD
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com