Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 95Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 96Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 97Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 98Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 99Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 100Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 101Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 102Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 555 page
background image
Revision 0.8
99
www.national.com
DIVIL Functional Description (Continued)
4.6.1.4
Miscellaneous Block
Special cycles are sent to the Miscellaneous block. They
are decoded as given in Table 4-10. Note that the Halt spe-
cial cycle depends on the value of the SPEC_CYC_MD bit
in MSR_LEG_IO (MSR 51400014h[28]).
Soft IRQ and Soft Reset MSRs are decoded within the Mis-
cellaneous block.
Each block in the Diverse Device generates an output to
the DIVIL. The DIVIL DOM has a port for each of the func-
tions and is responsible for selecting between them.
4.6.2
Standard MSRs
This block contains the Standard GeodeLink Device MSRs
and their associated logic. These standard MSRs are:
Capabilities, Master Configuration, SMI Control, Error Con-
trol, Power Management, and Diagnostics. The Capabili-
ties, Master Configuration, and Diagnostic MSRs are
“passive” in that they contain values that have an effect
elsewhere. The other MSRs have various “active” bits that
are set and cleared via hardware/software interactions.
Table 4-10. Special Cycle Decodes
Cycle Type
Address
Function
Action
Write
00h
Shutdown
Send shutdown pulse to MSR_ERROR.
Send shutdown pulse to MSR_SMI.
If RESET_SHUT_EN (MSR 51400014h[31]) is high, send reset
pulse to power management indicating shutdown reset.
SPEC_CYC_MD (MSR 51400014h[28]) = 0
Write
01h
Halt
Send halt pulse to MSR_SMI.
SPEC_CYC_MD (MSR 51400014h[28]) = 1
Write
02h
Halt
Send halt pulse to MSR_SMI.
All other values
x86 Special
Discard with no side effects.
All other values
Not Defined
Discard with no side effects.
Read
00h
Interrupt Ack
Send cycle to PIC.
GeodeLink Adapter generates back-to-back bus cycles.
All other values
Not Defined
Return zero with no side effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com