Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 50Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 51Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 52Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 53Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 54Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 55Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 56Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 57Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 555 page
background image
www.national.com
54
Revision 0.8
Global Concepts and Features (Continued)
Table 3-2. CS5535 MSR Addresses from GX2 Processor
Routing
Field 0
Routing
Field 1
Routing
Field 2
Routing
Field 3
Routing
Field 4
Routing
Field 5
GLD
Target
Name &
Address
Comment
Bits
[31:29]
Bits
[28:26]
Bits
[25:23]
Bits
[22:20]
Bits
[19:17]
Bits
[16:14]
These bits are shifted off to the
left and never enter the CS5535.
These bits are shifted into posi-
tions [31:23] by the time they
reach the CS5535.
Bits in positions [22:14] are
always 0 after shifting.
010
100
010
000
000
000
GLPCI_SB
5100xxxxh
This all-zero convention indicates
to the GLPCI_SB that the MSR
packet coming across the PCI bus
is actually for the GLCPI_SB.
010
100
010
000
Non-zero value
GLIU
5101xxxxh
This non-zero convention indi-
cates to the GLPCI_SB that the
MSR packet coming across the
PCI bus should be forwarded to
the GLIU. The GLIU only looks at
[22:20] and hence, keeps the
packet.
010
100
010
001
Any value
Illegal
The GLIU can not send any pack-
ets back to the port it came from.
010
100
010
010
Any value
USBC2
5120xxxxh
010
100
010
011
Any value
ATAC
5130xxxxh
010
100
010
100
Any value
DD
5140xxxxh
010
100
010
101
Any value
ACC
5150xxxxh
010
100
010
110
Any value
USBC1
5160xxxxh
010
100
010
111
Any value
GLCP
5170xxxxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com