Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 57Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 58Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 59Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 60Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 61Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 62Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 63Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 64Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 555 page
background image
Revision 0.8
61
www.national.com
Global Concepts and Features (Continued)
affect packet routing from the listed masters. GLIU descrip-
tors are only used to route requests from the GLPCI_SB
and GLCP.
3.7.4
Legacy Keyboard Emulation
In the CS5535, there are two USB Controllers and hence
two copies of this hardware. The USB control registers are
memory mapped. The memory region associated with
these registers is relocatable via standard GLIU descriptor
MSRs starting at an appropriate base address. The region
size is 4 kB (1000h), that is, an offset range of 000h
through FFFh. There are four registers called: HceControl,
HceInput, HceOutput, and HceStatus. There are no USB
control registers above this region.
Special consideration is given to the legacy keyboard emu-
lation control registers normally associated with the USB
Controller. This “normal” association is due to the fact that
“normally”, the keyboard emulation hardware is physically
located with the USB hardware, even though there is no
logical association between the two at the hardware level.
This “normal” association is driven by industry standard
device drivers that group the two register sets in the same
region. The keyboard emulation registers are located at the
USB base address plus 0100h.
A single copy of the Keyboard Emulation Logic (KEL) hard-
ware is located in the Diverse Device (DD) module, where it
can be closely coordinated with a possible real keyboard
controller in any of three locations: in either USB Controller
(USBC1 or USBC2), or on the LPC bus. This leaves the
problem of the control registers that are physically in the
DD, but logically (from the software perspective) in the USB
Controller.
A descriptor type is incorporated into the CS5535 to deal
with this keyboard issue. It is a variant of the standard “P2D
Base Mask Descriptor” (P2D_BM) called P2D_BMK (key-
board). A P2D_BMK descriptor does additional decoding
based on Address bit 8. If this bit is low, the hit directs to
the USB port. If this bit is high, the hit directs to the subtrac-
tive port. There are two P2D_BMK descriptors in the
CS5535 (see Section 5.1.2.2 "P2D Base Mask KEL
Descriptors (GLIU_P2D_BMK[x])" on page 195).
3.7.5
GeodeLink Device Decoding Except Diverse
Device
Table 3-4 shows the register space map for all CS5535
devices except the Diverse Device. There are no fixed
addresses associated with these devices other than the
MSRs and the legacy IDE I/O addresses as detailed in
Section 3.7.3 "GLIU Decoding".
3.7.6
Diverse Device Decoding Except Legacy I/O
The Diverse Device “space” map except legacy I/O is
shown in Table 3-5.
Table 3-4. CS5535 Register Space Map Except Diverse Device
Device
MSR Space (Note 1)
I/O Space
Memory Space
GLPCI_SB
Standard GeodeLink Device MSRs plus
GLPCI_SB setup. All MSRs also acces-
sible from PCI Configuration space.
None.
None.
GLCP
Standard GeodeLink Device MSRs plus
diagnostic and debug.
None.
None.
GLIU
Standard GeodeLink Device MSRs plus
descriptor setup.
Programmable SSMIs.
Programmable SSMIs.
ACC
Standard GeodeLink Device MSRs.
16-byte codec I/F plus 48-
byte master interface. All
trap registers removed.
Generates no SSMIs.
The register space can be
here also.
ATAC
Standard GeodeLink Device MSRs plus
timing parameters.
Bus Master LBAR.
Legacy primary addresses.
16-byte master interface.
None.
USBC1
Standard GeodeLink Device MSRs plus
PCI configuration emulation.
Must set PCI BAR in USB Controller.
None.
4 kB, but less than 256 bytes
used. Keyboard emulation
registers to Diverse Device.
USBC2
Standard GeodeLink Device MSRs plus
PCI configuration emulation.
Must set PCI BAR in USB Controller.
None.
4 kB, but less than 256 bytes
used. Keyboard emulation
registers to Diverse Device.
Note 1. See Section 3.8 "Standard GeodeLink Device MSRs" on page 67 for register descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com