Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 198 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 198 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 194Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 195Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 196Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 197Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 198Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 199Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 200Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 201Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 202Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 555 page
background image
www.national.com
198
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.3.5
Asynchronous Error (GLIU_AERR)
ERR is a condensed version of the port (asynchronous) ERR signals. The EN bits ([15:8]) can be used to prevent a device
from issuing an ERR. A write of 1 to the EN bit disables the device’s ERR. The FLAG bits ([7:0]) are status bits. If high, an
ERR was generated due to the associated device. (See Section 3.1.4 "ASMI and Error" on page 51 for further details.)
GLIU_ASMI Bit Descriptions
Bit
Name
Description
63:16
RSVD
Reserved.
15
P7_ASMI_EN
Port 7 (GLCP) Asynchronous SMI Enable.
14
P6_ASMI_EN
Port 6 (USBC1) Asynchronous SMI Enable.
13
P5_ASMI_EN
Port 5 (ACC) Asynchronous SMI Enable.
12
P4_ASMI_EN
Port 4 (DD) Asynchronous SMI Enable.
11
P3_ASMI_EN
Port 3 (ATAC) Asynchronous SMI Enable.
10
P2_ASMI_EN
Port 2 (USBC2) Asynchronous SMI Enable.
9
P1_ASMI_EN
Port 1 (GLPCI_SB) Asynchronous SMI Enable.
8
P0_ASMI_EN
Port 0 (GLIU) Asynchronous SMI Enable.
7
P7_ASMI_FLAG (RO)
Port 7 (GLCP) Asynchronous SMI Flag (Read Only).
6
P6_ASMI_FLAG (RO)
Port 6 (USBC1) Asynchronous SMI Flag (Read Only).
5
P5_ASMI_FLAG (RO)
Port 5 (ACC) Asynchronous SMI Flag (Read Only).
4
P4_ASMI_FLAG (RO)
Port 4 (DD) Asynchronous SMI Flag (Read Only).
3
P3_ASMI_FLAG (RO)
Port 3 (ATAC) Asynchronous SMI Flag (Read Only).
2
P2_ASMI_FLAG (RO)
Port 2 (USBC2) Asynchronous SMI Flag (Read Only).
1
P1_ASMI_FLAG (RO)
Port 1 (GLPCI_SB) Asynchronous SMI Flag (Read Only).
0
P0_ASMI_FLAG (RO)
Port 0 (GLIU) Asynchronous SMI Flag (Read Only).
MSR Address
51010084h
Type
R/W
Reset Value
00000000_00000000h
GLIU_AERR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
GLIU_AERR Bit Descriptions
Bit
Name
Description
63:16
RSVD
Reserved.
15
P7_AERR_EN
Port 7 (GLCP) Asynchronous Error Enable.
14
P6_AERR_EN
Port 6 (USBC1) Asynchronous Error Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com