Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 205 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 205 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 201Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 202Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 203Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 204Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 205Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 206Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 207Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 208Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 209Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 555 page
background image
Revision 0.8
205
www.national.com
GLIU Register Descriptions (Continued)
5.1.3.14
Descriptor Statistic Action (GLIU_STATISTIC_ACTION[x])
Descriptor Statistic Action 0 (GLIU_STATISTIC_ACTION0)
Descriptor Statistic Action 1 (GLIU_STATISTIC_ACTION1)
Descriptor Statistic Action 2 (GLIU_STATISTIC_ACTION2)
MSR Address
510100A2h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100A6h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100AAh
Type
R/W
Reset Value
00000000_00000000h
GLIU_STATISTIC_ACTION[x] Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RSVD
PREDIV
GLIU_STATISTIC_ACTION[x] Bit Descriptions
Bit
Name
Description
63:24
RSVD
Reserved. Write as read.
23:8
PREDIV
Pre-divider used for ALWAYS_DEC. The pre-divider is free running and extends the
depth of the counter.
7WRAP
Decrement Counter Beyond Zero and Wrap.
0: Disable wrap; counter stops when it reaches zero.
1: Enable wrap; counter decrements through 0 to all ones.
6
ZERO_ERR
Asset AERR on Cnt = 0. Assert AERR (internal GLIU_P_SERR) when
STATISTIC_CNT[x] = 0.
0: Disable.
1: Enable.
5
ZERO_SMI
Assert ASMI on Cnt = 0. Assert ASMI (internal GLIU_P_ASMI) when
STATISTIC_CNT[x] = 0.
0: Disable.
1: Enable.
4
ALWAYS_DEC
Always Decrement Counter. If enabled, the counter will decrement on every memory
clock, subject to the prescaler value PREDIV (bits [23:8]). Decrementing will continue
unless loading is occurring due to another action, or if the counter reaches zero and
WRAP is disabled (bit[7]).
0: Disable.
1: Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com