Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 104Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 105Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 106Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 107Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 108Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 109Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 110Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 111Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 555 page
background image
www.national.com
108
Revision 0.8
PIC Functional Description (Continued)
Automatic Rotation Mode
In cases where a number of IRQs have equal priority, the
device that has been serviced, will receive the lowest prior-
ity. So now that device, if requesting another interrupt, must
wait until the other seven devices have been serviced.
There are two ways to accomplish automatic rotation using
OCW2:
• Rotation on the non-specific EOI command (R = 1, SL =
0, EOI = 1).
• Rotation in automatic EOI mode, which is set by (R = 1,
SL = 0, EOI = 0) and cleared by (R = 0, SL = 0, EOI = 0).
Specific Rotation Mode
Priorities can be changed by programming the bottom pri-
ority, which fixes all other priorities. For example, if IR5 is
programmed as the bottom priority device, then IR6 will
have the highest priority. The command is issued to OCW2
(R = 1, SL = 1, and L0-L2 is the binary priority level code of
the bottom priority device).
Special Mask Mode
In this mode, when a mask bit is set in OCW1, it inhibits fur-
ther interrupts at that level and enables interrupts from all
other levels (lower as well as higher) that are not masked.
The special mask mode is set (SSMM = 1, SMM = 1) and
cleared (SSMM = 1, SMM = 0) by OCW3.
4.8.4
PIC Subsystem Operation
From reset, the PIC subsystem comes up in legacy mode.
The “Primary” mapper and mask inputs connect directly to
LPIC and all other interrupt sources are masked off.
While there are a number of different ways to use the PIC
Subsystem, the discussions that follow assume a mix of
“level” and “edge” interrupt inputs. The first discussion
assumes the OS schedules the “work” of the interrupt ser-
vice after a brief interrupt service routine. The second dis-
cussion assumes the OS performs the “work” real-time in
the interrupt service routine.
Assume the mapper and masks have been established as
desired. “Level” interrupts can be shared, but “edge” inter-
rupts cannot. This means an XPIC “level” output can be
driven by up to four mapper and masks inputs. Further, this
means an XPIC “edge” output can only be driven by one
mapper and mask input.
Assume all edge interrupts generate a low-to-high edge to
indicate an interrupt. Assume active low interrupts are
inverted outside the PIC subsystem as needed; that is, all
MM inputs are active high. An external PCI bus uses active
low interrupts that can be shared in an open-collector wired
“OR” fashion. This is OK. On-chip, the interrupt sense is
inverted. Lastly, note that for the edge interrupts the edge
must remain high until the interrupt acknowledge action.
Assume LPIC is initialized as follows:
;Set Initialization Command Words (ICWs)
;All values are in hex
;PIC #1 (Master)
out 20, 11
; ICW1 - Edge, Master, ICW4 needed
out 21, 8
; ICW2 - Interrupt vector table offset is 8
out 21, 4
; ICW3 - Master level 2
out 21, 1
; ICW4 - Master, 8086 mode
out 21, ff
; mask all IRQs
;PIC #2 (Slave)
out a0, 11
; ICW1 - Edge, Slave ICW4 needed
out a1, 70
; ICW2 - Interrupt vector table offset 70
out a1, 2
; ICW3 - Slave Level 2
out a1, 1
; ICW4 - Slave, 8086 mode
out a1, ff
; mask all IRQs
;Use Operation Control Words (OCWs) during interrupt
service
Thus, the LPIC 8259As all start in edge mode. This is fol-
lowed by writes to the individual edge level registers at
4D0h (interrupts 0-7) and 4D1h (interrupts 8-15) to estab-
lish level mode for all level inputs. Note that IRQ0 and IRQ2
can not be put in level mode. Writing 0FFh to 4D0h will
read back 0FAh.
Scheduled Interrupts Approach
The following set of events would be typical. Assume the
processor has maskable interrupts enabled:
1)
One or more interrupts are generated in the system.
These set the associated bits in the LPIC Interrupt
Request Register (IRR).
2)
The maskable interrupt signal (INTR) is asserted by
the LPIC and interrupts the processor. INTR is an
active high level.
3)
The processor generates an interrupt acknowledge
bus cycle that flows through the GeodeLink system as
a single BIZZARO packet. When it reaches the
Diverse Logic, it is converted to the two cycle interrupt
acknowledge sequence expected by the LPIC.
4)
The acknowledge operation returns an interrupt vector
to the processor that is used to call the appropriate
interrupt service routine. Processor interrupts are now
disabled at the processor.
5)
The acknowledge operation also selects the highest
priority interrupt from the IRR and uses it to set one bit
in the LPIC Interrupt Service Register (ISR). Each
acknowledge operation always sets a single ISR bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com