Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 144Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 145Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 146Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 147Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 148Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 149Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 150Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 151Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 555 page
background image
www.national.com
148
Revision 0.8
GPIO Subsystem Functional Description (Continued)
4.15.2 Register Strategy
The register set for the GPIO subsystem has been
arranged in such a way as to eliminate the need for read-
modify-write operations. Individual GPIO control bits may
be directly and immediately altered without requiring
knowledge of any other GPIO states or bit settings. Previ-
ous systems required the current settings for all GPIOs to
be read, selected pins changed, and the result written
back. If this read-modify-write operation was interrupted by
another process that also used the GPIOs, then erroneous
operation could result.
To avoid the read-modify-write operation, two data bits are
used to control each GPIO feature bit, wherein a feature is
enabled or disabled. One register bit is used to establish a
logic 1, while a second register bit is used to establish a
logic 0. A 1 in a register bit changes the feature bit’s value,
while a 0 does nothing. Since there are two register bits for
each feature bit, for each GPIO, there are four combina-
tions of register bits possible. The two control bits operate
in an exclusive-OR pattern, as illustrated in Table 4-30.
An example 16-bit register controlling a feature bit for eight
GPIOs is illustrated in Table 4-31. Note that the real regis-
ters are 32 bits; 16 bits are used here as an illustrative
example.
Assume that the register in Table 4-31 allows setting and
clearing of an unspecified “feature bit” for GPIO[7:0].
Assume that the 16-bit value given in the example has just
been written into the register. In this example, all four possi-
ble bit combinations fromTable 4-30 are examined.
GPIO5 has a 0 in the logic 0 bit position (register bit 13),
and a 1 in the logic 1 bit position (register bit 5), so the
GPIO5 feature bit would become a 1.
GPIO4 has a 1 in the logic 0 bit position (register bit 13),
and a 0 in the logic 1 bit position (register bit 5), so the
GPIO4 feature bit would become a 0.
GPIO7 has a 1 in both bit positions 15 and 7. Writing a 1 to
both the logic 1 and logic 0 bit positions causes no change
to the GPIO7 feature bit.
GPIO6 has a 0 in both bit positions 14 and 6. Writing a 0 to
both the logic 1 and logic 0 bit positions causes no change
to the GPIO6 control bit. GPIO[3:0], also have 0s in both bit
positions, so they experience no change.
Reads produce a normal and an inverted value. For exam-
ple, assume the Output Enable is set only for GPIO4 in the
above register. A read would return the value EF10h.
Actual GPIO registers associated with feature bit settings
are 32 bits wide and each handle 16 GPIOs. They are
organized into low and high banks. The low bank deals with
GPIO[15:0], while the high bank deals with GPIO[28:24]
and GPIO[22:16].
In addition to these “bit registers”, there are value registers
for the Input Conditioning Functions.
4.15.3 Lock Bits
Many GPIO registers are protected against accidental
changes by Lock Enable registers that prevent further
changes. Once a LOCK bit is set, the associated register
can not be changed until the corresponding LOCK bit is
cleared. There are two Lock Bit registers, one for the high
bank (GPIOH_LOCK_EN, GPIO I/O Offset 8Ch) and one
for the low bank (GPIOH_LOCK_EN, GPIO I/O Offset
3Ch). All GPIO registers are protected by LOCK bits except
the
High
and
Low
Bank
Read
Back
registers,
(GPIO[x]_READ_BACK), High and Low Bank Positive
Edge Status registers (GPIO[x]POSEDGE_STS), the High
Low
Bank
Negative
Edge
Status
registers
(GPIO[x]NEGEDGE_STS), and of course the Lock Enable
registers themselves.
Table 4-30. Effect on Feature Bit
Logic 0
Bit
Position
Logic 1
Bit
Position
Effect on Feature Bit
0
0
No change
1
0
Feature bit is cleared to 0
0
1
Feature bit is set to 1
1
1
No change
Table 4-31. 16-Bit GPIO Control Register Example
Bit No.
“1” Sets Control Bit to 0
“1” Sets Control Bit to 1
15
14
13
12
11
10
98
765
432
10
Value
10
010
000
101
000
00
GPIO #
76
543
210
765
432
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com