Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 149Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 150Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 151Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 152Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 153Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 154Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 155Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 156Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 555 page
background image
Revision 0.8
153
www.national.com
4.16 MULTI-FUNCTION GENERAL PURPOSE TIMER
The Multi-Function General Purpose Timer module con-
tains
eight
multi-function
general
purpose
timers
(MFGPTs). Six of the eight MFGPTs are in the Working
power domain running off a 32 kHz clock or a 14.318 MHz
clock, while the other two are in the Standby power domain
running off a 32 kHz clock.
The Working power domain contains the following blocks:
• Six MFGPTs each split into three blocks, one containing
I/O registers, one containing the clock switch, and one
containing the timer logic.
• 15-bit prescaler to divide down the 14.318 MHz clock
and generate 15 carry-out signals.
• 15-bit prescaler to divide down the 32 kHz clock and
generate 15 carry-out signals.
• Logic to implement Local Bus Interface, Control Logic,
MSR Registers, and NMI, IRQ, and Reset Output
Events.
• Two blocks containing I/O registers to write into the two
MFGPTs in the Standby power domain.
The Standby power domain contains the following blocks:
• Two MFGPTs.
• 15-bit prescaler to divide down the 32 kHz clock and
generate 15 carry-out signals.
• Interface for signals going between Standby and
Working power domains.
Figure 4-50 shows the top level block diagram of the Multi-
Function General Purpose Timer module.
Features
Each MFGPT operates independently and can have the
following features:
• 32 kHz or 14.318 MHz clock selectable by software
(MFGPT0 to MFGPT5 only; MFGPT6 and MFGPT7 use
32 kHz clock).
• Programmable input clock prescaler divisor to divide
input clock by 2i, where i = 0 to 15.
• Watchdog timer (trigger GPIO output, interrupt, or
reset).
• Pulse Width Modulation (PWM).
• Pulse Density Modulation (PDM).
• Blink (low frequency pulse for LED).
• General Purpose Timer.
• Generate GPIO outputs.
• Provide outputs for generating reset (limited to MFGPT0
to MFGPT5), IRQs, NMI, and ASMI (indirectly through
PIC).
Figure 4-50. MFGPT System Top Level Block
Diagram
Working Domain
Control and MSR Registers
MFGPT0
MFGPT6
Power Domain Crossing I/F
Standby Domain
14.318 MHz
32 kHz
Prescaler
Prescaler
32kHz
Prescaler
I/O Reg
Clock
Switch
Timer
MFGPT1
I/O Reg
Clock
Switch
Timer
MFGPT2
I/O Reg
Clock
Switch
Timer
MFGPT3
I/O Reg
Clock
Switch
Timer
MFGPT4
I/O Reg
Clock
Switch
Timer
MFGPT5
I/O Reg
Clock
Switch
Timer
I/O Reg I/F
MFGPT7
I/O Reg I/F
MFGPT6
Timer
MFGPT7
Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com