Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72340 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 52Page - STMicroelectronics ST72340 Datasheet HTML 53Page - STMicroelectronics ST72340 Datasheet HTML 54Page - STMicroelectronics ST72340 Datasheet HTML 55Page - STMicroelectronics ST72340 Datasheet HTML 56Page - STMicroelectronics ST72340 Datasheet HTML 57Page - STMicroelectronics ST72340 Datasheet HTML 58Page - STMicroelectronics ST72340 Datasheet HTML 59Page - STMicroelectronics ST72340 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 191 page
background image
ST72340, ST72344, ST72345
56/191
I/O PORTS (Cont’d)
10.5.1 I/O port implementation
The I/O port register configurations are summa-
rised as follows.
Standard ports
PA5:4, PC7:0, PD5:0,
PE0, PF7:6, 4
Interrupt ports
PB4, PB2:0, PF1:0 (with pull-up)
PA3, PE1, PB3, PF2 (without pull-up)
True open drain ports
PA7:6 , PD7:6
Table 13. Port configuration
CAUTION: In small packages, an internal pull-up is applied permanently to the non-bonded I/O pins. So they have to be
kept in input floating configuration to avoid unwanted consumption.
MODE
DDR
OR
floating input
0
0
pull-up input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
floating interrupt input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
floating input
0
open drain (high sink ports)
1
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:6
floating
true open-drain
PA5:4
floating
pull-up
open drain
push-pull
PA3
floating
floating interrupt
open drain
push-pull
Port B
PB3
floating
floating interrupt
open drain
push-pull
PB4, PB2:0
floating
pull-up interrupt
open drain
push-pull
Port C
PC7:0
floating
pull-up
open drain
push-pull
Port D
PD7:6
floating
true open-drain
PD5:0
floating
pull-up
open drain
push-pull
Port E
PE1
floating
floating interrupt
open drain
push-pull
PE0
floating
pull-up
open drain
push-pull
Port F
PF7:6, 4
floating
pull-up
open drain
push-pull
PF2
floating
floating interrupt
open drain
push-pull
PF1:0
floating
pull-up interrupt
open drain
push-pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com