Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72340 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 75Page - STMicroelectronics ST72340 Datasheet HTML 76Page - STMicroelectronics ST72340 Datasheet HTML 77Page - STMicroelectronics ST72340 Datasheet HTML 78Page - STMicroelectronics ST72340 Datasheet HTML 79Page - STMicroelectronics ST72340 Datasheet HTML 80Page - STMicroelectronics ST72340 Datasheet HTML 81Page - STMicroelectronics ST72340 Datasheet HTML 82Page - STMicroelectronics ST72340 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 191 page
background image
ST72340, ST72344, ST72345
79/191
16-BIT TIMER (Cont’d)
11.3.3.6 Pulse Width Modulation Mode
Pulse Width Modulation (PWM) mode enables the
generation of a signal with a frequency and pulse
length determined by the value of the OC1R and
OC2R registers.
Pulse Width Modulation mode uses the complete
Output Compare 1 function plus the OC2R regis-
ter, and so this functionality can not be used when
PWM mode is activated.
In PWM mode, double buffering is implemented on
the output compare registers. Any new values writ-
ten in the OC1R and OC2R registers are loaded in
their respective shadow registers (double buffer)
only at the end of the PWM period (OC2) to avoid
spikes on the PWM output pin (OCMP1). The
shadow registers contain the reference values for
comparison in PWM “double buffering” mode.
Note: There is a locking mechanism for transfer-
ring the OCiR value to the buffer. After a write to
the OCiHR register, transfer of the new compare
value to the buffer is inhibited until OCiLR is also
written.
Unlike in Output Compare mode, the compare
function is always enabled in PWM mode.
Procedure
To use pulse width modulation mode:
1. Load the OC2R register with the value corre-
sponding to the period of the signal using the
formula in the opposite column.
2. Load the OC1R register with the value corre-
sponding to the period of the pulse if (OLVL1=0
and OLVL2=1) using the formula in the oppo-
site column.
3. Select the following in the CR1 register:
– Using the OLVL1 bit, select the level to be ap-
plied to the OCMP1 pin after a successful
comparison with OC1R register.
– Using the OLVL2 bit, select the level to be ap-
plied to the OCMP1 pin after a successful
comparison with OC2R register.
4. Select the following in the CR2 register:
– Set OC1E bit: the OCMP1 pin is then dedicat-
ed to the output compare 1 function.
– Set the PWM bit.
– Select the timer clock (CC[1:0]) (see Table 17
Clock Control Bits).
If OLVL1=1 and OLVL2=0 the length of the posi-
tive pulse is the difference between the OC2R and
OC1R registers.
If OLVL1=OLVL2 a continuous signal will be seen
on the OCMP1 pin.
The OCiR register value required for a specific tim-
ing application can be calculated using the follow-
ing formula:
Where:
t
= Signal or pulse period (in seconds)
fCPU
= CPU clock frequency (in hertz)
PRESC = Timer prescaler factor (2, 4 or 8 depend-
ing on CC[1:0] bits, see Table 17 Clock
Control Bits)
If the timer clock is an external clock the formula is:
Where:
t
= Signal or pulse period (in seconds)
fEXT
= External timer clock frequency (in hertz)
The Output Compare 2 event causes the counter
to be initialized to FFFCh (See Figure 52)
Notes:
1. The OCF1 and OCF2 bits cannot be set by
hardware in PWM mode therefore the Output
Compare interrupt is inhibited.
2. The ICF1 bit is set by hardware when the coun-
ter reaches the OC2R value and can produce a
timer interrupt if the ICIE bit is set and the I bit is
cleared.
Counter
OCMP1 = OLVL2
Counter
= OC2R
OCMP1 = OLVL1
When
When
= OC1R
Pulse Width Modulation cycle
Counter is reset
to FFFCh
ICF1 bit is set
OCiR Value =
t * fCPU
PRESC
- 5
OCiR =
t * fEXT -5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com