Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72340 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 8Page - STMicroelectronics ST72340 Datasheet HTML 9Page - STMicroelectronics ST72340 Datasheet HTML 10Page - STMicroelectronics ST72340 Datasheet HTML 11Page - STMicroelectronics ST72340 Datasheet HTML 12Page - STMicroelectronics ST72340 Datasheet HTML 13Page - STMicroelectronics ST72340 Datasheet HTML 14Page - STMicroelectronics ST72340 Datasheet HTML 15Page - STMicroelectronics ST72340 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 191 page
background image
ST72340, ST72344, ST72345
12/191
REGISTER AND MEMORY MAP (Cont’d)
Table 2. Hardware Register Map
Address
Block
Register
Label
Register Name
Reset Status
Remarks
0000h
0001h
0002h
Port A2)
PADR
PADDR
PAOR
Port A Data Register
Port A Data Direction Register
Port A Option Register
00h1)
00h
00h
R/W
R/W
R/W
0003h
0004h
0005h
Port B2)
PBDR
PBDDR
PBOR
Port B Data Register
Port B Data Direction Register
Port B Option Register
00h 1)
00h
00h
R/W
R/W
R/W
0006h
0007h
0008h
Port C2)
PCDR
PCDDR
PCOR
Port C Data Register
Port C Data Direction Register
Port C Option Register
00h1)
00h
00h
R/W
R/W
R/W
0009h
000Ah
000Bh
Port D2)
PDADR
PDDDR
PDOR
Port D Data Register
Port D Data Direction Register
Port D Option Register
00h1)
00h
00h
R/W
R/W
R/W
000Ch
000Dh
000Eh
Port E2)
PEDR
PEDDR
PEOR
Port E Data Register
Port E Data Direction Register
Port E Option Register
00h1)
00h
00h
R/W
R/W
R/W
000Fh
0010h
0011h
Port F2)
PFDR
PFDDR
PFOR
Port F Data Register
Port F Data Direction Register
Port F Option Register
00h1)
00h
00h
R/W
R/W
R/W
0012h to
0016h
Reserved area (5 bytes)
0017h
0018h
RC
RCCRH
RCCRL
RC oscillator Control Register High
RC oscillator Control Register Low
FFh
03h
R/W
R/W
0019h
Reserved area (1 byte)
001Ah to
001Fh
DM3)
Reserved area (6 bytes)
00020h
EEPROM
EECSR
Data EEPROM Control/Status Register
00h
R/W
0021h
0022h
0023h
SPI
SPIDR
SPICR
SPICSR
SPI Data I/O Register
SPI Control Register
SPI Control Status Register
xxh
0xh
00h
R/W
R/W
R/W
0024h
0025h
0026h
0027h
ITC
ISPR0
ISPR1
ISPR2
ISPR3
Interrupt Software Priority Register 0
Interrupt Software Priority Register 1
Interrupt Software Priority Register 2
Interrupt Software Priority Register 3
FFh
FFh
FFh
FFh
R/W
R/W
R/W
R/W
0028h
EICR
External Interrupt Control Register
00h
R/W
00029h
FLASH
FCSR
Flash Control/Status Register
00h
R/W
002Ah
WWDG
WDGCR
Watchdog Control Register
7Fh
R/W
002Bh
SI
SICSR
System Integrity Control/Status Register
000x 000xb
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com