Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72340 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 47Page - STMicroelectronics ST72340 Datasheet HTML 48Page - STMicroelectronics ST72340 Datasheet HTML 49Page - STMicroelectronics ST72340 Datasheet HTML 50Page - STMicroelectronics ST72340 Datasheet HTML 51Page - STMicroelectronics ST72340 Datasheet HTML 52Page - STMicroelectronics ST72340 Datasheet HTML 53Page - STMicroelectronics ST72340 Datasheet HTML 54Page - STMicroelectronics ST72340 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 191 page
background image
ST72340, ST72344, ST72345
51/191
POWER SAVING MODES (Cont’d)
9.6.0.1 Register Description
AWUFH CONTROL/STATUS REGISTER
(AWUCSR)
Read/Write (except bit 2 read only)
Reset Value: 0000 0000 (00h)
Bits 7:3 = Reserved.
Bit 2= AWUF Auto Wake Up Flag
This bit is set by hardware when the AWU module
generates an interrupt and cleared by software on
reading AWUCSR.
0: No AWU interrupt occurred
1: AWU interrupt occurred
Bit 1= AWUM Auto Wake Up Measurement
This bit enables the AWU RC oscillator and con-
nects internally its output to the ICAP2 input of 16-
bit timer A. This allows the timer to be used to
measure the AWU RC oscillator dispersion and
then compensate this dispersion by providing the
right value in the AWUPR register.
0: Measurement disabled
1: Measurement enabled
Bit 0 = AWUEN Auto Wake Up From Halt Enabled
This bit enables the Auto Wake Up From Halt fea-
ture: once HALT mode is entered, the AWUFH
wakes up the microcontroller after a time delay de-
fined by the AWU prescaler value. It is set and
cleared by software.
0: AWUFH (Auto Wake Up From Halt) mode disa-
bled
1: AWUFH (Auto Wake Up From Halt) mode ena-
bled
AWUFH PRESCALER REGISTER (AWUPR)
Read/Write
Reset Value: 1111 1111 (FFh)
Bits 7:0= AWUPR[7:0] Auto Wake Up Prescaler
These 8 bits define the AWUPR Dividing factor (as
explained below:
In AWU mode, the period that the MCU stays in
Halt Mode (tAWU in Figure 33) is defined by
This prescaler register can be programmed to
modify the time that the MCU stays in Halt mode
before waking up automatically.
Note: If 00h is written to AWUPR, depending on
the product, an interrupt is generated immediately
after a HALT instruction, or the AWUPR remains
unchanged.
Table 10. AWU Register Map and Reset Values
70
00
000
AWU
F
AWU
M
AWU
EN
70
AWU
PR7
AWU
PR6
AWU
PR5
AWU
PR4
AWU
PR3
AWU
PR2
AWU
PR1
AWU
PR0
AWUPR[7:0
]
Dividing factor
00h
Forbidden (See note)
01h
1
...
...
FEh
254
FFh
255
t
AWU
64
AWUPR
×
1
f
AWURC
--------------------------t
RCSTRT
+
×
=
Address
(Hex.)
Register
Label
76543
210
002Eh
AWUCSR
Reset Value
00000
AWUF
0
AWUM
0
AWUEN
0
002Fh
AWUPR
Reset Value
AWUPR7
1
AWUPR6
1
AWUPR5
1
AWUPR4
1
AWUPR3
1
AWUPR2
1
AWUPR1
1
AWUPR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com