Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72340 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 55Page - STMicroelectronics ST72340 Datasheet HTML 56Page - STMicroelectronics ST72340 Datasheet HTML 57Page - STMicroelectronics ST72340 Datasheet HTML 58Page - STMicroelectronics ST72340 Datasheet HTML 59Page - STMicroelectronics ST72340 Datasheet HTML 60Page - STMicroelectronics ST72340 Datasheet HTML 61Page - STMicroelectronics ST72340 Datasheet HTML 62Page - STMicroelectronics ST72340 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 191 page
background image
ST72340, ST72344, ST72345
59/191
WINDOW WATCHDOG (Cont’d)
The application program must write in the
WDGCR register at regular intervals during normal
operation to prevent an MCU reset. This operation
must occur only when the counter value is lower
than the window register value. The value to be
stored in the WDGCR register must be between
FFh and C0h (see Figure 2):
– Enabling the watchdog:
When Software Watchdog is selected (by option
byte), the watchdog is disabled after a reset. It is
enabled by setting the WDGA bit in the WDGCR
register, then it cannot be disabled again except
by a reset.
When Hardware Watchdog is selected (by option
byte), the watchdog is always active and the
WDGA bit is not used.
– Controlling the downcounter:
This downcounter is free-running: It counts down
even if the watchdog is disabled. When the
watchdog is enabled, the T6 bit must be set to
prevent generating an immediate reset.
The T[5:0] bits contain the number of increments
which represents the time delay before the
watchdog produces a reset (see Figure 2. Ap-
proximate Timeout Duration). The timing varies
between a minimum and a maximum value due
to the unknown status of the prescaler when writ-
ing to the WDGCR register (see Figure 3).
The window register (WDGWR) contains the
high limit of the window: To prevent a reset, the
downcounter must be reloaded when its value is
lower than the window register value and greater
than 3Fh. Figure 4 describes the window watch-
dog process.
Note: The T6 bit can be used to generate a soft-
ware reset (the WDGA bit is set and the T6 bit is
cleared).
– Watchdog Reset on Halt option
If the watchdog is activated and the watchdog re-
set on halt option is selected, then the HALT in-
struction will generate a Reset.
11.1.4 Using Halt Mode with the WDG
If Halt mode with Watchdog is enabled by option
byte (no watchdog reset on HALT instruction), it is
recommended before executing the HALT instruc-
tion to refresh the WDG counter, to avoid an unex-
pected WDG reset immediately after waking up
the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com