Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72340 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 40Page - STMicroelectronics ST72340 Datasheet HTML 41Page - STMicroelectronics ST72340 Datasheet HTML 42Page - STMicroelectronics ST72340 Datasheet HTML 43Page - STMicroelectronics ST72340 Datasheet HTML 44Page - STMicroelectronics ST72340 Datasheet HTML 45Page - STMicroelectronics ST72340 Datasheet HTML 46Page - STMicroelectronics ST72340 Datasheet HTML 47Page - STMicroelectronics ST72340 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 191 page
background image
ST72340, ST72344, ST72345
44/191
9 POWER SAVING MODES
9.1 INTRODUCTION
To give a large measure of flexibility to the applica-
tion in terms of power consumption, five main pow-
er saving modes are implemented in the ST7 (see
Figure 25):
Slow
Wait (and Slow-Wait)
Active Halt
Auto Wake up From Halt (AWUFH)
Halt
After a RESET the normal operating mode is se-
lected by default (RUN mode). This mode drives
the device (CPU and embedded peripherals) by
means of a master clock which is based on the
main oscillator frequency divided or multiplied by 2
(fOSC2).
From RUN mode, the different power saving
modes may be selected by setting the relevant
register bits or by calling the specific ST7 software
instruction whose action depends on the oscillator
status.
Figure 25. Power Saving Mode Transitions
9.2 SLOW MODE
This mode has two targets:
– To reduce power consumption by decreasing the
internal clock in the device,
– To adapt the internal clock frequency (fCPU) to
the available supply voltage.
SLOW mode is controlled by three bits in the
MCCSR register: the SMS bit which enables or
disables Slow mode and two CPx bits which select
the internal slow frequency (fCPU).
In this mode, the master clock frequency (fOSC2)
can be divided by 2, 4, 8 or 16. The CPU and pe-
ripherals are clocked at this lower frequency
(fCPU).
Note: SLOW-WAIT mode is activated by entering
WAIT mode while the device is in SLOW mode.
Figure 26. SLOW Mode Clock Transitions
POWER CONSUMPTION
WAIT
SLOW
RUN
ACTIVE HALT
High
Low
SLOW WAIT
AUTO WAKE UP FROM HALT
HALT
00
01
SMS
CP1:0
fCPU
NEW SLOW
NORMAL RUN MODE
FREQUENCY
REQUEST
REQUEST
fOSC2
fOSC2/2
fOSC2/4
fOSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com