Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72340 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 97Page - STMicroelectronics ST72340 Datasheet HTML 98Page - STMicroelectronics ST72340 Datasheet HTML 99Page - STMicroelectronics ST72340 Datasheet HTML 100Page - STMicroelectronics ST72340 Datasheet HTML 101Page - STMicroelectronics ST72340 Datasheet HTML 102Page - STMicroelectronics ST72340 Datasheet HTML 103Page - STMicroelectronics ST72340 Datasheet HTML 104Page - STMicroelectronics ST72340 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 191 page
background image
ST72340, ST72344, ST72345
101/191
SCI SERIAL COMMUNICATION INTERFACE (Cont’d)
11.5.4 Functional Description
The block diagram of the Serial Control Interface,
is shown in Figure 1. It contains six dedicated reg-
isters:
– 2 control registers (SCICR1 and SCICR2)
– A status register (SCISR)
– A baud rate register (SCIBRR)
– An extended prescaler receiver register
(SCIERPR)
– An extended prescaler transmitter register
(SCIETPR)
Refer to the register descriptions in Section 0.1.7
for the definitions of each bit.
11.5.4.1 Serial Data Format
Word length may be selected as being either 8 or 9
bits by programming the M bit in the SCICR1 reg-
ister (see Figure 2).
The TDO pin is in low state during the start bit.
The TDO pin is in high state during the stop bit.
An Idle character is interpreted as an entire frame
of “1”s followed by the start bit of the next frame
which contains data.
A Break character is interpreted on receiving “0”s
for some multiple of the frame period. At the end of
the last break frame the transmitter inserts an ex-
tra “1” bit to acknowledge the start bit.
Transmission and reception are driven by their
own baud rate generator.
Figure 61. Word Length Programming
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Start
Bit
Stop
Bit
Next
Start
Bit
Idle Frame
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Start
Bit
Stop
Bit
Next
Start
Bit
Idle Frame
Start
Bit
9-bit Word length (M bit is set)
8-bit Word length (M bit is reset)
Possible
Parity
Bit
Possible
Parity
Bit
Break Frame
Start
Bit
Extra
’1’
Data Frame
Break Frame
Start
Bit
Extra
’1’
Data Frame
Next Data Frame
Next Data Frame
Start
Bit
****
** LBCL bit controls last data clock pulse
CLOCK
CLOCK
** LBCL bit controls last data clock pulse
**
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com