Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0672 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 50Page - STMicroelectronics STV0672 Datasheet HTML 51Page - STMicroelectronics STV0672 Datasheet HTML 52Page - STMicroelectronics STV0672 Datasheet HTML 53Page - STMicroelectronics STV0672 Datasheet HTML 54Page - STMicroelectronics STV0672 Datasheet HTML 55Page - STMicroelectronics STV0672 Datasheet HTML 56Page - STMicroelectronics STV0672 Datasheet HTML 57Page - STMicroelectronics STV0672 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 105 page
background image
VV5410 & VV6410
Digital Video Interface Format
cd5410-6410f-3-0.fm
Commercial in confidence
54/105
•
The slow QCK, clocks at pixel rate. Both the falling and rising edge of this clock are used to qualify data. The most significant
data nibble is qualified by the rising edge of the slow QCK and the least significant nibble is qualified by the falling edge of
the slow QCK.
There are 4 modes of operation of QCK.
1. Disabled (Always low - default mode of operation)
2. Free running - qualifies the entire output data stream.
3. Qualify embedded control sequences, status data, (from the SOF line), and pixel data.
4. Qualify pixel data only, (this will include data from the black lines).
The operating mode for QCK is set via the serial interface. The QCK output can be tri-stated either when OEB is driven high or
via the appropriate control bit in the serial interface, (see data_format register[22]).
The QCK pin can also be configured to output the state of a serial interface register bit. This feature allows the sensor to control
external devices, e.g. stepper motors, shutter mechanisms.
Full details of how to configure the QCK output pin can be found in 2 registers, fg_mode[20] and pin_mapping[21].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com