Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0672 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 84Page - STMicroelectronics STV0672 Datasheet HTML 85Page - STMicroelectronics STV0672 Datasheet HTML 86Page - STMicroelectronics STV0672 Datasheet HTML 87Page - STMicroelectronics STV0672 Datasheet HTML 88Page - STMicroelectronics STV0672 Datasheet HTML 89Page - STMicroelectronics STV0672 Datasheet HTML 90Page - STMicroelectronics STV0672 Datasheet HTML 91Page - STMicroelectronics STV0672 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 105 page
background image
VV5410 & VV6410
Other Features
cd5410-6410f-3-0.fm
Commercial in confidence
88/105
11.1.2 AUD3V3 (Audio Supply Regulator)
11.1.3 Audio Amplifier Parameters
Symbol
Parameter
Min
Typical
Max
Units
AUD3V3
Regulated supply
(No external load)
3.13
3.3
3.46
V
AUD3V3_Ld
Regulated supply Vdrop
(Current Load 20mA)
-50
mV
AUD3V3_sus
Regulated supply
(Suspend mode)
Off
V
ZAUD3V3_sus
Output impedance in
Suspend mode
TBC
K
Ω
PSRR
Power Supply Rejection
versus Vin
-48
dB
Table 60 : Audio Circuit Specification
Symbol
Parameter
Min
Typical
Max
Units
VAin
Audio Regulator Input Voltage
Vbg
V
RIN
Input impedance
100
k
Ω
Gain1
Ist stage (28dB) gain accuracy
+/-0.5
dB
Gain2
2nd stage (0,6,12,18dB) gain accuracy1
1.
2nd stage gain is only available on AoutN with the audio amplifier in differential mode
+/-0.2
dB
Gmatch
Differential output mode gain matching
(0dB)
(28dB)(
0.2
0.5
dB
Out_max
Output Clipping Level2
1.6
2.2
Vpp
OUT_DC
Output DC Voltage
1.1
1.22
1.3
V
D-OUT_DC
Differential DC Offset (AoutN-AoutP)
20
100
mV
Rout
Output Impedance
2
k
Ω
THD
THD (includes noise)
Vin = 20mVpp, f-1KHz, Gain =28dB
0.2
%
SNR
Signal to Noise ratio
(1KHz)
(10KHz)3
65
75
dB
PSRR
Power supply rejection ratio from Vin
-55
dB
LFc
Low frequency cutoff (Cin=100nF)
15
Hz
Xtalk
Video crosstalk to audio outputs (gain = 28dB)
-56
dB
Table 61 : Audio Amplifier Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com