Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0672 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STV0672
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0672 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STV0672 Datasheet HTML 62Page - STMicroelectronics STV0672 Datasheet HTML 63Page - STMicroelectronics STV0672 Datasheet HTML 64Page - STMicroelectronics STV0672 Datasheet HTML 65Page - STMicroelectronics STV0672 Datasheet HTML 66Page - STMicroelectronics STV0672 Datasheet HTML 67Page - STMicroelectronics STV0672 Datasheet HTML 68Page - STMicroelectronics STV0672 Datasheet HTML 69Page - STMicroelectronics STV0672 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
66/105
[9-12],
[9-C] - Black_Avg & Dark_Avg
[13],
[D] - Status1 Register
[14-15],
[E-F] - unused
9.5.2
Setup Registers - [16 - 31]
,[10-1F]
[16]
,[10] - Setup0
[
Register
Index
Bits
Function
Default
Comment
9
3:0
Dark avg ms bits
0
The calculated pixel average over a
series of dark lines (1,2 or 4 lines). The
pixel sample size from each dark line
will be image size dependent up to a
maximum of 256
The average value is a signed 12 bit
number
10
7:0
Dark avg ls byte
0
11
3:0
Black avg ms bits
0
The calculated pixel average over a
series of black lines (4 or 8 lines). The
pixel sample size from each black line
will be image size dependent up to a
maximum of 256
The average value is a signed 12 bit
number
12
7:0
Black avg ls byte
0
Table 26 : [9-12],
[9-C] - Black & Dark Averages
Bit
Function
Default
Comment
0
X image parameters clipped
0
If this bit is set then the current x offset parameter
requested has caused the x coordinates to be
clipped
1
Y image parameters clipped
0
If this bit is set then the current y offset parameter
requested has caused the y coordinates to be
clipped
7:2
unused
000000
Table 27 : [13],
[D] - Status1
Bit
Function
Default
Comment
0
Low Power Mode:
Off / On
1
Powers down the sensor array. The output data bus
goes to FH. On power-up the sensor enters low power
mode.
1
Sleep Mode:
Off / On
0
Puts the sensor array into reset. The output data bus
goes to FH.
Table 28 : [16],
[10] - Setup0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com